Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1G95 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F1G95
Description  SAW Bandpass Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F1G95 Datasheet(HTML) 2 Page - Integrated Technology Future

  F1G95 Datasheet HTML 1Page - Integrated Technology Future F1G95 Datasheet HTML 2Page - Integrated Technology Future F1G95 Datasheet HTML 3Page - Integrated Technology Future F1G95 Datasheet HTML 4Page - Integrated Technology Future F1G95 Datasheet HTML 5Page - Integrated Technology Future F1G95 Datasheet HTML 6Page - Integrated Technology Future F1G95 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F1G95
Part No.
F1G95
Rev. Date
2007-08-30
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NC7006-AS01
2/7
Specifications
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
1960
-
MHz
Insertion Loss (Fo +/- 30 MHz)
-
2.3
2.7
dB
Amplitude Ripple (Fo +/- 30 MHz)
-
0.6
1.7
dBp-p
VSWR (Fo +/- 30 MHz)
-
2.0
2.4
Relative Attenuation
D.C. ~ 1850 MHz
1850 ~ 1910 MHz
2010 ~ 2070 MHz
3860 ~ 3980 MHz
5790 ~ 5970 MHz
26.0
15.0
15.0
28.0
33.0
34.0
21.0
21.0
37.0
33.0
-
-
-
-
-
dB
Temperature Range (Operational)
-30
25
85
Input RF Power (Fo +/- 30 MHz)
13
dBm
Input/Output Impedance
50
Ohms


Similar Part No. - F1G95

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F1G90 ITF-F1G90 Datasheet
274Kb / 7P
   SAW Bandpass Filter F1G90
F1G92 ITF-F1G92 Datasheet
335Kb / 7P
   SAW Bandpass Filter
F1G93 ITF-F1G93 Datasheet
312Kb / 7P
   SAW Bandpass Filter
F1G99 ITF-F1G99 Datasheet
278Kb / 7P
   SAW Bandpass Filter F1G99
F1G9A ITF-F1G9A Datasheet
163Kb / 7P
   SAW Bandpass Filter F1G9A
More results

Similar Description - F1G95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com