Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5529GTA+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5529GTA+
Description  One-Time Programmable, Linear-Taper Digital Potentiometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5529GTA+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5529GTA+ Datasheet HTML 1Page - Maxim Integrated Products MAX5529GTA+ Datasheet HTML 2Page - Maxim Integrated Products MAX5529GTA+ Datasheet HTML 3Page - Maxim Integrated Products MAX5529GTA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5529GTA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5529GTA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5529GTA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5529GTA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5529GTA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
One-Time Programmable, Linear-Taper Digital
Potentiometers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.5V, VH = VDD, VL = GND, TA = -40
°C to +105°C, unless otherwise noted. Typical values are at VDD = +5.0V, TA
= +25
°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (CS, U/D)
Input High Voltage
VIH
0.7 x
VDD
V
Input Low Voltage
VIL
0.3 x
VDD
V
Input Current
IIN
±0.1
±1
µA
Input Capacitance
CIN
5pF
TIMING CHARACTERISTICS (Note 4)
U/D Mode to CS Setup Time
tCU
Figures 2 and 3
50
ns
U/D Mode to CS Hold Time
tCI
Figures 2 and 3
50
ns
CS to U/D Step Hold Time
tIC
Figures 2 and 3
0
ns
U/D Step Low Time
tIL
Figures 2 and 3
100
ns
U/D Step High Time
tIH
Figures 2 and 3
100
ns
Wiper Settling Time
tIW
CL = 0pF, Figures 2 and 3 (Note 5)
400
ns
PV Rising Edge to CS Falling
Edge
tPC
Figure 5
1
ms
CS Falling Edge to PV Falling
Edge
tCP
Figure 5
5
ms
CS Step Low Time
tCL
Figure 5
5
ms
CS Step High Time
tCH
Figure 5
5
ms
PV Falling Edge to CS Rising
Edge
tPH
Figure 5
1
ms
U/D Frequency
fU/DMAX
5
MHz
Power-Up Time
tUP
(Note 6)
1
ms
POWER SUPPLY
Supply Voltage
VDD
2.7
5.5
V
Static Supply Current
IDD
CS = U/D = GND or VDD
1.5
µA
TA < +50°C
10.45
11.55
Programming Voltage
PV
TA
≥ +50°C
11.00
11.55
V
Programming Current
IPV
VPV = 11V
4
5
mA
Note 1: All devices are production tested at TA = +25°C, and are guaranteed by design for TA = -40°C to +105°C.
Note 2: The wiper resistance is measured by driving the wiper terminal with a source of 20µA for the MAX5527, 40µA for the
MAX5528, and 200µA for the MAX5529.
Note 3: Wiper at midscale with a 10pF load.
Note 4: Digital timing is guaranteed by design, not production tested.
Note 5: Wiper setting time is measured for a single step from U/
D transition until wiper voltage reaches 90% of final value.
Note 6: Power-up time is the period of time from when the power supply is applied, until the serial interface is ready for writing.


Similar Part No. - MAX5529GTA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX552 MAXIM-MAX552 Datasheet
99Kb / 12P
   3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package
MAX5520 MAXIM-MAX5520 Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5521 MAXIM-MAX5521 Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
MAX5522EUA MAXIM-MAX5522EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
More results

Similar Description - MAX5529GTA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401 Datasheet
96Kb / 17P
   Four linear-taper digitally programmable potentiometers
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
logo
Analog Devices
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
   256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com