Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32173EFVZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL32173EFVZ
Description  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32173EFVZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL32173EFVZ Datasheet HTML 5Page - Intersil Corporation ISL32173EFVZ Datasheet HTML 6Page - Intersil Corporation ISL32173EFVZ Datasheet HTML 7Page - Intersil Corporation ISL32173EFVZ Datasheet HTML 8Page - Intersil Corporation ISL32173EFVZ Datasheet HTML 9Page - Intersil Corporation ISL32173EFVZ Datasheet HTML 10Page - Intersil Corporation ISL32173EFVZ Datasheet HTML 11Page - Intersil Corporation ISL32173EFVZ Datasheet HTML 12Page - Intersil Corporation ISL32173EFVZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
FN7529.0
November 19, 2009
No-Load Supply
Current,
20Mbps Versions
20ICC
EN = 1, or EN = 0 (ISL32273E and
ISL32277E), or EN12 = EN34 = 1
(ISL32275E), or EN1 = EN2 = EN3 = EN4 = 1
(ISL32277E)
Full
-
-
5.5
mA
20ICC1/2 EN12 = 1 and EN34 = 0, or vice versa
(ISL32275E only), or if only two channels
are enabled on the ISL32277E
Full
-
-
3.5
mA
20ICCD
SHDNEN = 0, EN1 = EN2 = EN3 = EN4 = 0
or EN = 0 and EN = 1 (ISL32277E only)
Full
-
-
1.2
mA
Shutdown Supply
Current
ISHDN
All outputs disabled (Note 18) (all except
ISL32X75E)
Full
-
-
15
μA
All outputs disabled (Note 19) (all except
ISL32X73E)
Full
-
-
60
μA
ESD PERFORMANCE
RS-485 Pins (A, B)
IEC61000-4-2, From Bus
Pins to GND
Air Gap
25
-
±16.5
-
kV
Contact
25
-
±8
-
kV
Human Body Model, From Bus Pins to GND
25
-
±15
-
kV
All Pins
HBM
25
-
±8
-
kV
Machine Model
25
-
500
-
V
RECEIVER SWITCHING CHARACTERISTICS (ISL32273E, ISL32275E, ISL32277E, 20Mbps)
Maximum Data
Rate
fMAX
VID = ±1.5V, CL=15pF
Full
20
-
-
Mbps
Receiver Input to
Output Delay
tPLH, tPHL (Figure 1)
Full
-
37
55
ns
Receiver Skew
| tPLH - tPHL |
tSKD
(Figure 1)
Full
-
2.7
6
ns
Prop Delay Skew
Chan-to-Chan
tSKC-C
(Figure 1), (Note 11)
Full
-
3
8
ns
Prop Delay Skew
Part-to-Part
tSKP-P
(Figure 1), (Note 12)
Full
-
4
20
ns
Receiver Enable to
Output High
tZH
RL = 1kΩ, CL = 15pF, SW = GND (Figure 2),
(Notes 15, 21)
Full
-
150
190
ns
Receiver Enable to
Output Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 2),
(Notes 15, 21)
Full
-
155
190
ns
Receiver Disable
from Output High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND (Figure 2) Full
-
19
30
ns
Receiver Disable
from Output Low
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 2)
Full
-
19
30
ns
Receiver Enable
from Shutdown to
Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND (Figure 2),
(Notes 16, 20)
Full
-
-
850
ns
Receiver Enable
from Shutdown to
Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC (Figure 2),
(Notes 16, 20)
Full
-
-
850
ns
RECEIVER SWITCHING CHARACTERISTICS (ISL32173E, ISL32175E, ISL32177E, 80Mbps)
Maximum Data
Rate
fMAX
VID = ±1.5V, CL≤ 15pF
VCC≤ 3.6V
Full
80
-
-
Mbps
VCC > 3.6V
Full
20
-
-
Mbps
VID = ±1.5V, CL≤ 6pF, 3.6V ≤ VCC ≤ 5.5V
Full
80
-
-
Mbps
Electrical Specifications Test Conditions: VCC = 3.0V to 5.5V; VL = VCC (ISL32177E and ISL32277E only); Typicals are at
the worst case of VCC = 3.3V or VCC = 5V, TA = +25°C; Unless Otherwise Specified. Boldface
limits apply over the operating temperature range. (Notes 10, 14) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 13)
TYP
MAX
(Note 13) UNITS
ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E, ISL32277E


Similar Part No. - ISL32173EFVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32173EFVZ RENESAS-ISL32173EFVZ Datasheet
1Mb / 21P
   Telecom equipment
More results

Similar Description - ISL32173EFVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com