Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5527 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5527
Description  One-Time Programmable, Linear-Taper Digital Potentiometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5527 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5527 Datasheet HTML 2Page - Maxim Integrated Products MAX5527 Datasheet HTML 3Page - Maxim Integrated Products MAX5527 Datasheet HTML 4Page - Maxim Integrated Products MAX5527 Datasheet HTML 5Page - Maxim Integrated Products MAX5527 Datasheet HTML 6Page - Maxim Integrated Products MAX5527 Datasheet HTML 7Page - Maxim Integrated Products MAX5527 Datasheet HTML 8Page - Maxim Integrated Products MAX5527 Datasheet HTML 9Page - Maxim Integrated Products MAX5527 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
One-Time Programmable, Linear-Taper Digital
Potentiometers
6
_______________________________________________________________________________________
MAX5527 POWER-UP WIPER TRANSIENT
MAX5527 toc17
2
μs
VDD
2V/div
GND
GND
OUTPUT
W
2V/div
MAX5528 POWER-UP WIPER TRANSIENT
MAX5527 toc18
1
μs
VDD
2V/div
GND
GND
OUTPUT
W
2V/div
MAX5529 POWER-UP WIPER TRANSIENT
MAX5527 toc19
2
μs
VDD
2V/div
GND
GND
OUTPUT
W
2V/div
TAP-TO-TAP SWITCHING TRANSIENT
MAX5527 toc16
400ns
U/D
2V/div
GND
OUTPUT
W
50mV/div
Typical Operating Characteristics (continued)
(VDD = +5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5527

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX552 MAXIM-MAX552 Datasheet
99Kb / 12P
   3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package
MAX5520 MAXIM-MAX5520 Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5521 MAXIM-MAX5521 Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
MAX5522EUA MAXIM-MAX5522EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
More results

Similar Description - MAX5527

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401 Datasheet
96Kb / 17P
   Four linear-taper digitally programmable potentiometers
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
logo
Analog Devices
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
   256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com