Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4699 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4699
Description  Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4699 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4699_09 Datasheet HTML 2Page - Maxim Integrated Products MAX4699_09 Datasheet HTML 3Page - Maxim Integrated Products MAX4699_09 Datasheet HTML 4Page - Maxim Integrated Products MAX4699_09 Datasheet HTML 5Page - Maxim Integrated Products MAX4699_09 Datasheet HTML 6Page - Maxim Integrated Products MAX4699_09 Datasheet HTML 7Page - Maxim Integrated Products MAX4699_09 Datasheet HTML 8Page - Maxim Integrated Products MAX4699_09 Datasheet HTML 9Page - Maxim Integrated Products MAX4699_09 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Low-Voltage, Dual DPDT/Quad SPDT
Analog Switches in QFN
6
_______________________________________________________________________________________
0
10
5
20
15
25
30
2.7
4.2
4.7
3.2
3.7
5.2
TURN-ON/OFF TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
tON
tOFF
5
15
10
25
20
35
30
40
-40
0
20
-20
40
60
80
TURN-ON/OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
tON
tOFF
V+ = +2.7V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
12345
LOGIC THRESHOLD vs. VL
VL (V)
MAX4702
VIN RISING
VIN FALLING
V+ = +5V
-120
-80
-100
-40
-60
-20
0
0.1
10
1
100
1000
FREQUENCY RESPONSE
FREQUENCY (MHz)
ON-REPONSE
OFF-ISOLATION
CROSSTALK
0.1
0.01
0.001
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
RL = 600
Ω
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted. VL = +1.5V for MAX4702 only)


Similar Part No. - MAX4699_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4699EGE MAXIM-MAX4699EGE Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699ETE MAXIM-MAX4699ETE Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
More results

Similar Description - MAX4699_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
logo
Vishay Siliconix
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018_08 Datasheet
138Kb / 9P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018_V01 Datasheet
154Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
01-Jan-2022
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. A, 01-Aug-03
72342 VISHAY-72342 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4747 MAXIM-MAX4747_12 Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com