Part Name
         Description
2CW032120YQ-2

 2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL ( 7 Page)


SILAN
100% 
Zoom Out Zoom In
   
 5 page
background image
2CW032XXXYQ
2CW032560YQ-5
53.2~58.8
1000
135
0.1
42
2CW032620YQ-5
58.9~65.1
1000
150
0.1
46.5
2CW032680YQ-5
64.6~71.4
1000
200
0.1
51
2CW032750YQ-5
71.25~78.75
1500
250
0.1
56
Forward Voltage VF= 1.0 V Maximum @ IF = 100 mA for all 2CW032XXXYQ-5 series.
*Note: from 39V up to 75V Vz@Iz=2.5mA, Zzt@Iz=2.5mA,Zzk@Iz=0.5mA.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.02.27
Http: www.silan.com.cn
Page 5 of 7



Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl