Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8014A Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8014A
Description  4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8014A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8014A Datasheet HTML 2Page - Intersil Corporation ISL8014A Datasheet HTML 3Page - Intersil Corporation ISL8014A Datasheet HTML 4Page - Intersil Corporation ISL8014A Datasheet HTML 5Page - Intersil Corporation ISL8014A Datasheet HTML 6Page - Intersil Corporation ISL8014A Datasheet HTML 7Page - Intersil Corporation ISL8014A Datasheet HTML 8Page - Intersil Corporation ISL8014A Datasheet HTML 9Page - Intersil Corporation ISL8014A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN7525.1
December 4, 2009
Typical Operating Performance
Unless otherwise noted, operating conditions are: TA = +25°C, VVIN = 2.5V to
5.5V, EN = VIN, SYNCH = 0V, L = 1.5µH, C1 = 2x22µF, C2 = 2x22µF, IOUT = 0A
to 4A
.
FIGURE 3. EFFICIENCY vs LOAD (1MHz 3.3 VIN PWM)
FIGURE 4. EFFICIENCY vs LOAD (1MHz 3.3 VIN PFM)
FIGURE 5. EFFICIENCY vs LOAD (1MHz 5VIN PWM)
FIGURE 6. EFFICIENCY vs LOAD (1MHz 5VIN PFM)
FIGURE 7. POWER DISSIPATION vs LOAD (1MHz,
VOUT = 1.8V)
FIGURE 8. POWER DISSIPATION WITH NO LOAD vs
VIN (PWM VOUT = 1.8V)
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT LOAD (A)
2.5VOUT-PWM
1.8VOUT-PWM
1.5VOUT-PWM
1.2VOUT-PWM
40
50
60
70
80
90
100
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
OUTPUT LOAD (A)
2.5VOUT-PFM
1.8VOUT-PFM 1.5VOUT-PFM1.2VOUT-PFM
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT LOAD (A)
2.5VOUT-PWM1.8V
OUT-PWM
1.5VOUT-PWM
1.2VOUT-PWM
3.3VOUT-PWM
40
50
60
70
80
90
100
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
OUTPUT LOAD (A)
2.5VOUT-PFM1.8VOUT-PFM
1.5VOUT-PFM
1.2VOUT-PFM
3.3VOUT-PFM
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT LOAD (A)
5VIN-PWM
3.3VIN-PFM
3.3VIN-PWM
5VIN-PFM
0
25
50
75
100
125
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
ISL8014A


Similar Part No. - ISL8014A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014AEVAL2Z RENESAS-ISL8014AEVAL2Z Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014AIRZ RENESAS-ISL8014AIRZ Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8014A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 RENESAS-ISL8014 Datasheet
1Mb / 17P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com