Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL35111DRZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL35111DRZ-T7
Description  11.1Gb/s Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL35111DRZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL35111DRZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL35111DRZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL35111DRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL35111DRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL35111DRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL35111DRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL35111DRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL35111DRZ-T7 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FN6975.0
November 19, 2009
Operation
The ISL35111 is an advanced driver for high-speed
interconnects. A functional diagram of ISL35111 is
shown in Figure 5. In addition to a de-emphasis circuit to
compensate for FR4 channel loss and restore signal
fidelity, the ISL35111 contains unique integrated features
to preserve special signaling protocols typically broken by
other drivers. The signal detect function is used to mute
the channel output when the input signal falls below the
level determined by the Detection Threshold (DT) pin
voltage. This function is intended to preserve periods of
line silence.
As illustrated in Figure 5, the core of the high-speed
signal path in the ISL35111 is a sophisticated driver
followed by a de-emphasis circuit. The device applies
pre-distortion to compensate for skin loss, dielectric loss,
and impedance discontinuities in the transmission
channel.
FIGURE 3. ISL35111 10.3125Gbps OUTPUT; NO CHANNEL; PRBS-31
FIGURE 4. ISL35111 10.3125 GBPS OUTPUT AFTER A 22-INCH FR-408 TRACE, PRBS-31; DE-EMPHASIS 6
Typical Performance Characteristics (Continued)
Performance is measured using the test setup illustrated in Figure 2. The signal from the pattern generator is launched
into the chip evaluation board. The ISL35111 output signal is then visualized on a scope to determine signal integrity
parameters such as jitter.
Signal
Detector
IN[P]
IN[N]
DT
LOS
OUT[N]
OUT[P]
Adjustable
De-Emphasis
Limiting
Amplifier
Output
Driver
Pre-
Driver
FIGURE 5. FUNCTIONAL BLOCK DIAGRAM OF THE ISL35111
ISL35111


Similar Part No. - ISL35111DRZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL35111DRZ-T7 INTERSIL-ISL35111DRZ-T7 Datasheet
541Kb / 9P
   11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111DRZ-T7 RENESAS-ISL35111DRZ-T7 Datasheet
864Kb / 9P
   11.1Gb/s Driver
More results

Similar Description - ISL35111DRZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL35111 INTERSIL-ISL35111_10 Datasheet
541Kb / 9P
   11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111 RENESAS-ISL35111 Datasheet
864Kb / 9P
   11.1Gb/s Driver
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
logo
Intersil Corporation
ISL36111 INTERSIL-ISL36111 Datasheet
299Kb / 8P
   11.1Gb/s Lane Extender
QLX111GRX INTERSIL-QLX111GRX Datasheet
467Kb / 10P
   11.1Gb/s Lane Extender
logo
Renesas Technology Corp
QLX111GRX RENESAS-QLX111GRX Datasheet
590Kb / 10P
   11.1Gb/s Lane Extender
logo
TriQuint Semiconductor
TGA4947-SL TRIQUINT-TGA4947-SL Datasheet
323Kb / 1P
   Dual channel 40Gb/s & 100Gb/s Modulator Driver
TQP5115 TRIQUINT-TQP5115 Datasheet
204Kb / 1P
   11.3 Gb/s EML Driver
logo
Zarlink Semiconductor I...
PX6419 ZARLINK-PX6419 Datasheet
226Kb / 3P
   12x10 Gb/s VCSEL Driver
logo
TriQuint Semiconductor
TGA4840-SM TRIQUINT-TGA4840-SM Datasheet
287Kb / 1P
   28Gb/s CFP2 Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com