Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80101IR50Z-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL80101IR50Z-T
Description  High Performance 1A LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101IR50Z-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL80101IR50Z-T Datasheet HTML 4Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 5Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 6Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 7Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 8Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 9Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 10Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 11Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN6931.0
December 21, 2009
Output Voltage Selection
An external resistor divider is used to scale the output
voltage relative to the internal reference voltage. This
voltage is then fed back to the error amplifier. The output
voltage can be programmed to any level between 0.8V
and 5V. An external resistor divider, R1 and R2, is used to
set the output voltage as shown in Equation 3. The
recommended value for R2 is 500Ω to 1kΩ. R1 is then
chosen according to Equation 4:
Power Dissipation
The junction temperature must not exceed the range
specified in the Recommended Operating Conditions. The
power dissipation can be calculated by using Equation 5:
The maximum allowed junction temperature, TJ(MAX)
and the maximum expected ambient temperature,
TA(MAX) will determine the maximum allowed junction
temperature rise (ΔTJ) as shown in Equation 6:
To calculate the maximum ambient operating
temperature, use the junction-to-ambient thermal
resistance (θJA) for the DFN package with Equation 5:
Substitute PD for PD(MAX) and the maximum ambient
operating temperature can be found by solving for TA
using Equation 8:
Heatsinking The DFN Package
The DFN package uses the copper area on the PCB as a
heat-sink. The EPAD of this package must be soldered to
the copper plane (GND plane) for heat sinking. Figure 6
shows a curve for the θJA of the DFN package for
different copper area sizes.
V
OUT
0.5V
R
1
R
2
-------
1
+
⎝⎠
⎜⎟
⎛⎞
×
=
(EQ. 3)
R
1
R
2
V
OUT
0.5V
----------------
1
⎝⎠
⎛⎞
×
=
(EQ. 4)
P
D
V
IN
V
OUT
() I
OUT
V
IN
I
GND
×
+
×
=
(EQ. 5)
ΔT
J
T
JMAX
() TAMAX
()
=
(EQ. 6)
P
DMAX
()
T
JMAX
() TA
() θ
JA
=
(EQ. 7)
T
A
T
JMAX
P
DMAX
() θJA
×
=
(EQ. 8)
FIGURE 6. 3mmx3mm-10 PIN DFN ON 4-LAYER PCB
WITH THERMAL VIAS θJA vs EPAD-MOUNT
COPPER LAND AREA ON PCB
46
44
42
40
38
36
34
2468
10
12
14
16
18
20
22
24
EPAD-MOUNT COPPER LAND AREA ON PCB, mm
2
ISL80101


Similar Part No. - ISL80101IR50Z-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80101IR50Z RENESAS-ISL80101IR50Z Datasheet
747Kb / 12P
   High Performance 1A LDO
More results

Similar Description - ISL80101IR50Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com