Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80101IR12Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL80101IR12Z
Description  High Performance 1A LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101IR12Z Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL80101IR12Z Datasheet HTML 3Page - Intersil Corporation ISL80101IR12Z Datasheet HTML 4Page - Intersil Corporation ISL80101IR12Z Datasheet HTML 5Page - Intersil Corporation ISL80101IR12Z Datasheet HTML 6Page - Intersil Corporation ISL80101IR12Z Datasheet HTML 7Page - Intersil Corporation ISL80101IR12Z Datasheet HTML 8Page - Intersil Corporation ISL80101IR12Z Datasheet HTML 9Page - Intersil Corporation ISL80101IR12Z Datasheet HTML 10Page - Intersil Corporation ISL80101IR12Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN6931.0
December 21, 2009
Functional Description
Enable Operation
The Enable turn-on threshold is typically 0.8V with a
hysteresis of 80mV. The Enable pin doesn't have an
internal pull-up or pull-down resistor. As a result, this pin
must not be left floating. This pin must be tied to VIN if it
is not used. A pull-up resistor (typically 1kΩ to 10kΩ) will
be required for applications that use open collector or
open drain outputs to control the Enable pin. The Enable
pin may be connected directly to VIN for applications that
are always on.
Soft-Start Operation
The soft-start circuit controls the rate at which the output
voltage comes up to regulation at power-up or coming
out of a chip disable. A constant current charges an
external soft-start capacitor. The external capacitor
always gets discharged to 0V at start-up of after coming
out of a chip disable. The discharge rate is the RC time
constant of an internal resistance and CSS. The soft-start
function effectively limits the amount of in-rush current
below the programmed current limit during start-up or
an enable sequence to avoid an overcurrent fault
condition. This can be an issue for applications that
require large, external bulk capacitances on VOUT where
high levels of charging current can be seen for a
significant period of time. High in-rush currents can
cause VIN to drop below minimum which could cause
VOUT to shutdown. Equation 3 can be used to calculate
CSS for a desired in-rush current. Where VOUT is the
output voltage, COUT is the total capacitance on the
output and IINRUSH is the desired in-rush current.
The following scope in Figure 3 captures the response for
the soft-start function.The output voltage is set to 1.8V.
Also
The rise time of the regulator output voltage for a given
CSS value can be calculated using Equation 2.
Power-Good Operation
The PGOOD circuit monitors VOUT and signals a fault
condition when VOUT is below 85% of the nominal output
voltage. The PGOOD flag is an open-drain NMOS that can
sink 10mA during a fault condition. The PGOOD pin
requires an external pull up resistor which is typically
connected to the VOUT pin. The PGOOD pin should not
be pulled up to a voltage source greater than VIN. During
a fault condition, the PGOOD output is pulled low. The
PGOOD fault can be caused by the current limit fault or
low input voltage. The PGOOD does not function during
thermal shutdown and when the part is disabled.
C
SS
V
OUT xCOUTx2μA )
()
I
INRUSH x0.5 V
-----------------------------------------------------------
=
(EQ. 1)
FIGURE 3. IN-RUSH CURRENT WITH NO CSS,
COUT = 1000µF, IN-RUSH CURRENT = 1.8A
FIGURE 4. IN-RUSH CURRENT WITH CSS = 15nF,
COUT = 1000µF, IN-RUSH CURRENT = 0.5A
FIGURE 5. IN-RUSH CURRENT WITH CSS = 33nF,
COUT = 1000µF, IN-RUSH CURRENT = 0.2A
t
RAMP
C
SSx0.5V
2
μA
----------------------------
=
(EQ. 2)
ISL80101


Similar Part No. - ISL80101IR12Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80101IR18Z RENESAS-ISL80101IR18Z Datasheet
747Kb / 12P
   High Performance 1A LDO
More results

Similar Description - ISL80101IR12Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com