Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80101 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL80101
Description  High Performance 1A LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL80101 Datasheet HTML 6Page - Intersil Corporation ISL80101 Datasheet HTML 7Page - Intersil Corporation ISL80101 Datasheet HTML 8Page - Intersil Corporation ISL80101 Datasheet HTML 9Page - Intersil Corporation ISL80101 Datasheet HTML 10Page - Intersil Corporation ISL80101 Datasheet HTML 11Page - Intersil Corporation ISL80101 Datasheet HTML 12Page - Intersil Corporation ISL80101 Datasheet HTML 13Page - Intersil Corporation ISL80101 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6931.0
December 21, 2009
FIGURE 13. DROPOUT VOLTAGE vs TEMPERATURE
FIGURE 14. DROPOUT VOLTAGE vs OUTPUT CURRENT
FIGURE 15. ENABLE THRESHOLD VOLTAGE vs
TEMPERATURE
FIGURE 16. POWER-UP (VIN = 2.2V)
FIGURE 17. POWER-DOWN (VIN = 2.2V)
FIGURE 18. ENABLE START-UP
Typical Operating Performance
Unless otherwise noted: VIN = 2.2V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, IL = 0A. (Continued)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
-40 -25 -10 5
20 35 50 65 80 95 110 125
TEMPERATURE (°C)
VOUT = 2.5
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
0
0.2
0.4
0.6
0.8
1.0
OUTPUT CURRENT (A)
VOUT = 2.5
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-40 -25 -10 5
20 35 50 65 80 95 110 125
JUNCTION TEMPERATURE (°C)
ISL80101


Similar Part No. - ISL80101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
ISL80101 INTERSIL-ISL80101 Datasheet
570Kb / 12P
   High Performance 1A Linear Regulator with Programmable Current Limiting
ISL80101 INTERSIL-ISL80101 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101 INTERSIL-ISL80101 Datasheet
478Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
ISL80101 INTERSIL-ISL80101 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL80101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com