Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F8602 Datasheet(PDF) 5 Page - Integrated Technology Future

Part # F8602
Description  SAW Bandpass Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F8602 Datasheet(HTML) 5 Page - Integrated Technology Future

  F8602 Datasheet HTML 1Page - Integrated Technology Future F8602 Datasheet HTML 2Page - Integrated Technology Future F8602 Datasheet HTML 3Page - Integrated Technology Future F8602 Datasheet HTML 4Page - Integrated Technology Future F8602 Datasheet HTML 5Page - Integrated Technology Future F8602 Datasheet HTML 6Page - Integrated Technology Future F8602 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SAW Bandpass Filter F8602
Part No.
F8602
Input / Output VSWR Charts
CH1
S11
SWR
1 /
REF 1
CENTER 860 . 500 000 MHz
SPAN 400 . 000 000 MHz
Cor
8 Apr 2004 10:23:18
1
1: 1. 4675
860 . 500 000 MHz
CH1
S22
SWR
1 /
REF 1
CENTER 860 . 500 000 MHz
SPAN 400 . 000 000 MHz
Cor
8 Apr 2004 10:23:30
1
1: 1. 4708
860 . 500 000 MHz
Input / Output Smith Charts
CH1
S11
1 U FS
CENTER 860 . 500 000 MHz
SPAN 400 . 000 000 MHz
Cor
8 Apr 2004 10:22:33
1
1: 35. 938
-8 . 4434
21. 906 pF
860 . 500 000 MHz
Rev. Date
2004-09-30
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
DR3004-PS02
5/7
CH1
S22
1 U FS
CENTER 860 . 500 000 MHz
SPAN 400 . 000 000 MHz
Cor
8 Apr 2004 10:22:56
1
1: 35. 830
-8 . 3809
22. 069 pF
860 . 500 000 MHz


Similar Part No. - F8602

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F86-18-C PANDUIT-F86-18-C Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F86-20-C PANDUIT-F86-20-C Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F86-25-C PANDUIT-F86-25-C Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F86-32-C PANDUIT-F86-32-C Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
logo
Kemet Corporation
F861AE103M310C KEMET-F861AE103M310C Datasheet
2Mb / 19P
   Metallized Polypropylene Film, Class X2, 310 VAC
More results

Similar Description - F8602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com