Electronic Components Datasheet Search |
|
RN70E30K1CB Datasheet(PDF) 2 Page - American Accurate Components, Inc. |
|
RN70E30K1CB Datasheet(HTML) 2 Page - American Accurate Components, Inc. |
2 / 2 page American Accurate Components, Inc. RN Series Molded Metal Film High Precision Resistors The content of this specification may change without notification 1/01/06 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 2 CHARACTERSTICS ITEM TEST METHOD REQUIREMENTS Operating Temperature Range -55 °C to +175°C Short Time Overload 2.5 x rated voltage @ 5 seconds ± (0.1% + 0.01Ω) Insulation Resistance 100V or 500V for 1 minute 100G Ω Dielectric Withstanding Voltage RN50, 55, 60: 450V RN65, 70, 75: 900V } for 1 minute ± (0.1% + 0.01Ω) Terminal Strength Pull 10 seconds, RN50: 5N, RN55, 60, 65: 10N, RN70, 75: 25N Twist 360 °, 5 times ± (0.02% + 0.01Ω) Vibration 10 to 2,000Hz, 1.5 mm or 20G, 2 directions Total 8 hours ± (0.1% + 0.01Ω) Shock (Specified Pulse) Saw tooth, 100 G 2 directions, total 10 times ± (0.1% + 0.01Ω) Solderability 230 °C, 5 seconds 95% or more Resistance to Solder Heat 350 ± 10°C, 3 seconds ± (0.05% + 0.01Ω) Low Temperature Operation -65 +0-5 °C, rated voltage 45 minutes ± (0.1% + 0.01Ω) Thermal Shock -65 +0-5 °C, -150°C for 5 cycles ± (0.1% + 0.01Ω) Moisture Resistance 65 °C, 90 ~ 95% R.H. -10°C, 10 cycles ± (0.3% + 0.01Ω) Moisture Resistance to Load Life 40 °C, 90 ~ 95% R.H. rated voltage, 1,000 hours ± (0.2% + 0.01Ω) Load Life at 70 °C 70 °C, rated voltage, 1.5 hours on, 0.5 hours off, 1,000 hours ± (0.2% + 0.01Ω) Load Life at 125 °C 125 °C, rated voltage, 1.5 hours on, 0.5 hours off, 1,000 hours ± (0.3% + 0.01Ω) DERATING CURVE RATED LOAD LIFE TEMPERATURE RISE NOISE LEVEL RESISTANCE |
Similar Part No. - RN70E30K1CB |
|
Similar Description - RN70E30K1CB |