Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN60C62R2CB Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # RN60C62R2CB
Description  RN Series Molded Metal Film High Precision Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RN60C62R2CB Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  RN60C62R2CB Datasheet HTML 1Page - American Accurate Components, Inc. RN60C62R2CB Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
American Accurate Components, Inc.
RN Series Molded Metal Film High Precision Resistors
The content of this specification may change without notification 1/01/06
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
CHARACTERSTICS
ITEM
TEST METHOD
REQUIREMENTS
Operating Temperature Range
-55
°C to +175°C
Short Time Overload
2.5 x rated voltage @ 5 seconds
± (0.1% + 0.01Ω)
Insulation Resistance
100V or 500V for 1 minute
100G
Dielectric Withstanding Voltage
RN50, 55, 60: 450V
RN65, 70, 75: 900V
} for 1 minute
± (0.1% + 0.01Ω)
Terminal Strength
Pull 10 seconds, RN50: 5N, RN55, 60, 65: 10N, RN70, 75: 25N
Twist 360
°, 5 times
± (0.02% + 0.01Ω)
Vibration
10 to 2,000Hz, 1.5 mm or 20G, 2 directions
Total 8 hours
± (0.1% + 0.01Ω)
Shock (Specified Pulse)
Saw tooth, 100 G
2 directions, total 10 times
± (0.1% + 0.01Ω)
Solderability
230
°C, 5 seconds
95% or more
Resistance to Solder Heat
350
± 10°C, 3 seconds
± (0.05% + 0.01Ω)
Low Temperature Operation
-65
+0-5
°C, rated voltage 45 minutes
± (0.1% + 0.01Ω)
Thermal Shock
-65
+0-5
°C, -150°C for 5 cycles
± (0.1% + 0.01Ω)
Moisture Resistance
65
°C, 90 ~ 95% R.H. -10°C, 10 cycles
± (0.3% + 0.01Ω)
Moisture Resistance to Load Life
40
°C, 90 ~ 95% R.H. rated voltage, 1,000 hours
± (0.2% + 0.01Ω)
Load Life at 70
°C
70
°C, rated voltage, 1.5 hours on, 0.5 hours off, 1,000 hours
± (0.2% + 0.01Ω)
Load Life at 125
°C
125
°C, rated voltage, 1.5 hours on, 0.5 hours off, 1,000 hours
± (0.3% + 0.01Ω)
DERATING CURVE
RATED LOAD LIFE
TEMPERATURE RISE
NOISE LEVEL RESISTANCE


Similar Part No. - RN60C62R2CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN60C ETC2-RN60C Datasheet
162Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN60C ETC2-RN60C Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN60C ETC2-RN60C Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN60C ETC2-RN60C Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
logo
Vishay Siliconix
RN60C10R0BB14 VISHAY-RN60C10R0BB14 Datasheet
160Kb / 5P
   Metal Film Resistors, Military MIL-R-10509 Qualified, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 28-Aug-06
More results

Similar Description - RN60C62R2CB

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MP55 RIEDON-MP55 Datasheet
189Kb / 2P
   Ultra Precision Molded Metal Film Resistors
logo
American Accurate Compo...
SRN55U100KTM AAC-SRN55U100KTM Datasheet
73Kb / 1P
   SRN Series Ultra Precision Molded Metal Film Resistors
logo
Vishay Siliconix
RCMA VISHAY-RCMA Datasheet
149Kb / 4P
   Molded Metal Film Very High Stability and Precision Resistors
Revision: 12-Sep-14
RCMM VISHAY-RCMM_V01 Datasheet
76Kb / 3P
   Molded Metal Film Resistors
Revision: 27-Jul-2021
RCMM VISHAY-RCMM Datasheet
142Kb / 2P
   Molded Metal Film Resistors
Revision 16-Jul-02
logo
American Accurate Compo...
RN14R2B100KBM AAC-RN14R2B100KBM Datasheet
82Kb / 1P
   RN 14 Series Insulation Coated Metal Film Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02_V01 Datasheet
83Kb / 4P
   Molded Metal Film High Stability Resistors
Revision: 27-Jul-2021
logo
Welwyn Components Limit...
RCP WELWYN-RCP Datasheet
132Kb / 2P
   Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
   Precision / Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
   Precision Metal Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com