Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC373 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74HC373
Description  Octal 3?뭆tate Non?묲nverting Transparent Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC373 Datasheet(HTML) 2 Page - ON Semiconductor

  74HC373 Datasheet HTML 1Page - ON Semiconductor 74HC373 Datasheet HTML 2Page - ON Semiconductor 74HC373 Datasheet HTML 3Page - ON Semiconductor 74HC373 Datasheet HTML 4Page - ON Semiconductor 74HC373 Datasheet HTML 5Page - ON Semiconductor 74HC373 Datasheet HTML 6Page - ON Semiconductor 74HC373 Datasheet HTML 7Page - ON Semiconductor 74HC373 Datasheet HTML 8Page - ON Semiconductor 74HC373 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74HC373
http://onsemi.com
2
DATA
INPUTS
D0
D1
D2
D3
D4
D5
D6
D7 18
17
14
13
8
7
4
3
1
OUTPUT ENABLE
19
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
16
15
12
9
6
5
2
PIN 20 = VCC
PIN 10 = GND
NONINVERTING
OUTPUTS
11
LATCH ENABLE
FUNCTION TABLE
Inputs
Output
Output
Latch
Enable Enable
D
Q
LH
H
H
LH
L
L
L
L
X
No Change
HX
X
Z
X = Don’t Care
Z = High Impedance
Q2
D1
D0
Q0
OUTPUT
ENABLE
GND
Q3
D3
D2
Q1
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
Q6
D6
D7
Q7
VCC
LATCH
ENABLE
Q4
D4
D5
Q5
LOGIC DIAGRAM
PIN ASSIGNMENT
Design Criteria
Value
Units
Internal Gate Count*
46.5
ea
Internal Gate Propagation Delay
1.5
ns
Internal Gate Power Dissipation
5.0
mW
Speed Power Product
0.0075
pJ
*Equivalent to a two−input NAND gate.


Similar Part No. - 74HC373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC373 PHILIPS-74HC373 Datasheet
56Kb / 8P
   Octal D-type transparent latch; 3-state
September 1993
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
Wing Shing Computer Com...
74HC373 WINGS-74HC373 Datasheet
415Kb / 6P
   Octal Transparent D-type Latches W ith 3-State Outputs
logo
NXP Semiconductors
74HC373 NXP-74HC373 Datasheet
179Kb / 26P
   Octal D-type transparent latch; 3-state
Rev. 5-13 December 2011
logo
Silicon Supplies
74HC373 SS-74HC373 Datasheet
1Mb / 7P
   High Speed CMOS Logic
More results

Similar Description - 74HC373

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC373A ONSEMI-MC74HC373A_05 Datasheet
119Kb / 10P
   Octal 3?뭆tate Non?묲nverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 12
NL17SZ126 ONSEMI-NL17SZ126_06 Datasheet
77Kb / 7P
   Non?묲nverting 3?뭆tate Buffer
February, 2006 ??Rev. 5
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
MC74AC373 ONSEMI-MC74AC373 Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74AC652 ONSEMI-MC74AC652 Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
MC14503B ONSEMI-MC14503B_06 Datasheet
113Kb / 7P
   Hex Non?묲nverting 3?뭆tate Buffer
June, 2006 ??Rev. 7
MC74LCX573 ONSEMI-MC74LCX573_05 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 7
MC74HCT373A ONSEMI-MC74HCT373A_06 Datasheet
163Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 11
MC74HC373A ONSEMI-MC74HC373A Datasheet
195Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
March, 2000 ??Rev. 8
logo
Motorola, Inc
MC54-74HC373A MOTOROLA-MC54-74HC373A Datasheet
202Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com