Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC125DR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74HC125DR2G
Description  Quad 3?뭆tate Noninverting Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC125DR2G Datasheet(HTML) 6 Page - ON Semiconductor

  74HC125DR2G Datasheet HTML 1Page - ON Semiconductor 74HC125DR2G Datasheet HTML 2Page - ON Semiconductor 74HC125DR2G Datasheet HTML 3Page - ON Semiconductor 74HC125DR2G Datasheet HTML 4Page - ON Semiconductor 74HC125DR2G Datasheet HTML 5Page - ON Semiconductor 74HC125DR2G Datasheet HTML 6Page - ON Semiconductor 74HC125DR2G Datasheet HTML 7Page - ON Semiconductor 74HC125DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
74HC125
http://onsemi.com
6
PACKAGE DIMENSIONS
SOIC−14
CASE 751A−03
ISSUE H
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.127
(0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
−A−
−B−
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
−T−
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__
7.04
14X
0.58
14X
1.52
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
7X
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - 74HC125DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC125DR2G ONSEMI-74HC125DR2G Datasheet
121Kb / 8P
   Quad 3?뭆tate Noninverting Buffers
March, 2007 ??Rev. 0
More results

Similar Description - 74HC125DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC125ADG ONSEMI-MC74HC125ADG Datasheet
121Kb / 8P
   Quad 3?뭆tate Noninverting Buffers
March, 2007 ??Rev. 0
logo
IK Semicon Co., Ltd
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
   Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
   Quad 3-State Noninverting Buffers
logo
System Logic Semiconduc...
SL74HC125 SLS-SL74HC125 Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers
logo
Integral Corp.
IN74VHCT126 INTEGRAL-IN74VHCT126 Datasheet
266Kb / 7P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC125ADR2G ONSEMI-MC74HC125ADR2G Datasheet
142Kb / 8P
   Quad 3-State Noninverting Buffers
May, 2013 ??Rev. 14
logo
Integral Corp.
IN74HCT126A INTEGRAL-IN74HCT126A Datasheet
135Kb / 5P
   QUAD 3-STATE NONINVERTING BUFFERS
logo
KODENSHI_AUK CORP.
KK74VHC126 KODENSHI-KK74VHC126 Datasheet
296Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
logo
Motorola, Inc
MC74HC125A MOTOROLA-MC74HC125A Datasheet
148Kb / 6P
   Quad 3-State Noninverting Buffers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com