Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80102IR50Z Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL80102IR50Z
Description  High Performance 2A and 3A LDOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80102IR50Z Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL80102IR50Z Datasheet HTML 7Page - Intersil Corporation ISL80102IR50Z Datasheet HTML 8Page - Intersil Corporation ISL80102IR50Z Datasheet HTML 9Page - Intersil Corporation ISL80102IR50Z Datasheet HTML 10Page - Intersil Corporation ISL80102IR50Z Datasheet HTML 11Page - Intersil Corporation ISL80102IR50Z Datasheet HTML 12Page - Intersil Corporation ISL80102IR50Z Datasheet HTML 13Page - Intersil Corporation ISL80102IR50Z Datasheet HTML 14Page - Intersil Corporation ISL80102IR50Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN6660.0
September 30, 2009
FIGURE 17. POWER-DOWN (VIN = 2.2V)
FIGURE 18. ENABLE START-UP
FIGURE 19. ENABLE SHUTDOWN
FIGURE 20. START-UP TIME vs SUPPLY VOLTAGE
FIGURE 21. START-UP TIME vs TEMPERATURE
FIGURE 22. CURRENT LIMIT vs TEMPERATURE
Typical Operating Performance
Unless otherwise noted: VIN = 2.2V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, IL = 0A. (Continued)
VIN (1V/DIV)
SS (1V/DIV)
VOUT (1V/DIV)
TIME (10ms/DIV)
PG (1V/DIV)
SS (1V/DIV)
VOUT (1V/DIV)
PG (1V/DIV)
TIME (50µs/DIV)
EN (1V/DIV)
SS (1V/DIV)
VOUT (1V/DIV)
PG (1V/DIV)
TIME (5ms/DIV)
EN (1V/DIV)
0
50
100
150
200
250
300
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
0
50
100
150
200
250
300
-40 -25 -10 5
20 35 50 65 80 95 110 125
JUNCTION TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
-40 -25 -10 5
20 35 50 65 80 95 110 125
JUNCTION TEMPERATURE (°C)
ISL80102
ISL80103
ISL80102, ISL80103


Similar Part No. - ISL80102IR50Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IR50Z INTERSIL-ISL80102IR50Z Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
More results

Similar Description - ISL80102IR50Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_10 Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Micrel Semiconductor
MIC37110 MICREL-MIC37110 Datasheet
1Mb / 20P
   High-Performance, Low-Noise, 1A LDOs
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com