Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4234ASD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4234ASD
Description  High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4234ASD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4234ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4234ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4234ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4234ASD Datasheet HTML 8Page - Maxim Integrated Products MAX4234ASD Datasheet HTML 9Page - Maxim Integrated Products MAX4234ASD Datasheet HTML 10Page - Maxim Integrated Products MAX4234ASD Datasheet HTML 11Page - Maxim Integrated Products MAX4234ASD Datasheet HTML 12Page - Maxim Integrated Products MAX4234ASD Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
For example, the circuit in Figure 1 has a package
power dissipation of 196mW:
where:
VDC = the DC component of the output voltage.
IDC = the DC component of the output current.
VPEAK = the highest positive excursion of the AC com-
ponent of the output voltage.
IPEAK = the highest positive excursion of the AC com-
ponent of the output current.
Therefore:
PIC(DISS) = VRMS IRMS COS
θ
= 196mW
Adding a coupling capacitor improves the package
power dissipation because there is no DC current to the
load, as shown in Figure 2:
Therefore:
PIC(DISS) = VRMS IRMS COS
θ
= 15.6mW
If the configuration in Figure 1 were used with all four of
the MAX4234 amplifiers, the absolute maximum power-
dissipation rating of this package would be exceeded
(see the
Absolute Maximum Ratings section).
60mW Single-Supply Stereo
Headphone Driver
Two MAX4230/MAX4231s can be used as a single-sup-
ply, stereo headphone driver. The circuit shown in
Figure 2 can deliver 60mW per channel with 1% distor-
tion from a single 5V supply.
The input capacitor (CIN), in conjunction with RIN, forms
a highpass filter that removes the DC bias from the
incoming signal. The -3dB point of the highpass filter is
given by:
f
RC
dB
IN IN
=
3
1
2
π
V
I
+
I
2
RMS
RMS
PEAK
==
≅=
+
=
.
.
./
.
V
V
V
IA
V
mA
PEAK
RMS
DC
RMS
2
10
2
0 707
0
10
32
2
22 1
Ω
RMS
DD
DC
RMS
PEAK
V
V
I
+
I
2
≅−
()+
=−
+
=
≅=
+
=
.
.
.
.
.
./
.
V
VV
V
V
I
VV
mA
PEAK
RMS
DC
RMS
2
36
18
10
2
2 507
18
32
10
32
2
78 4
Ω
Ω
High-Output-Drive, 10MHz, 10V/µs,
Rail-to-Rail I/O Op Amps with Shutdown in SC70
_______________________________________________________________________________________
9
RIGHT
AUDIO INPUT
LEFT
AUDIO INPUT
CIN
CIN
RIN
RIN
RF
COUT
VBIAS
COUT
HEADPHONE JACK
TO 32
Ω STEREO
HEADSET
RF
MAX4230
Figure 2. Circuit Example: Adding a Coupling Capacitor
Greatly Reduces Power Dissipation of its Package
3.6V
VIN = 2VP-P
R
C
32
Ω
R
MAX4230
MAX4231
Figure 1. MAX4230/MAX4231 Used in Single-Supply Operation
Circuit Example


Similar Part No. - MAX4234ASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4234ASD MAXIM-MAX4234ASD Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
More results

Similar Description - MAX4234ASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_V01 Datasheet
1Mb / 15P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
2021
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230_1110 MAXIM-MAX4230_1110 Datasheet
895Kb / 28P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11
MAX4232AUA-T MAXIM-MAX4232AUA-T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
logo
ams AG
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_08 Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
   High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com