Part Name
         Description
ISL28414

 Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers ( 21 Page)


INTERSIL
100% 
Zoom Out Zoom In
 
 18 page
background image
18
FN6800.3
December 22, 2009
ISL28114, ISL28214, ISL28414
Package Outline Drawing
M8.118A
8 LEAD MINI SMALL OUTLINE PLASTIC PACKAGE (MSOP)
Rev 0, 9/09
Plastic or metal protrusions of 0.15mm max per side are not
Dimensions “D” and “E1” are measured at Datum Plane “H”.
This replaces existing drawing # MDP0043 MSOP 8L.
Plastic interlead protrusions of 0.25mm max per side are not
Dimensioning and tolerancing conform to JEDEC MO-187-AA
6.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
DETAIL "X"
SIDE VIEW 1
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
SIDE VIEW 2
included.
included.
GAUGE
PLANE
3°±3°
0.25
C A B
B
0.10 C
0.08
C A B
A
0.25
0.55 ± 0.15
0.95 BSC
0.18 ± 0.05
1.10 Max
C
H
4.40
3.00
5.80
0.65
3.0±0.1
4.9±0.15
1.40
0.40
0.65 BSC
PIN# 1 ID
DETAIL "X"
0.33 +0.07/ -0.08
0.10 ± 0.05
3.0±0.1
1
2
8
0.86±0.09
SEATING PLANE
and AMSE Y14.5m-1994.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl