Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3492EFETRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT3492EFETRPBF
Description  Triple Output LED Driver with 3000:1 PWM Dimming
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3492EFETRPBF Datasheet(HTML) 4 Page - Linear Technology

  LT3492EFETRPBF Datasheet HTML 1Page - Linear Technology LT3492EFETRPBF Datasheet HTML 2Page - Linear Technology LT3492EFETRPBF Datasheet HTML 3Page - Linear Technology LT3492EFETRPBF Datasheet HTML 4Page - Linear Technology LT3492EFETRPBF Datasheet HTML 5Page - Linear Technology LT3492EFETRPBF Datasheet HTML 6Page - Linear Technology LT3492EFETRPBF Datasheet HTML 7Page - Linear Technology LT3492EFETRPBF Datasheet HTML 8Page - Linear Technology LT3492EFETRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3492
4
3492f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3492E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3492I is guaranteed over the full –40°C to 125°C operating junction
temperature range.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, SHDN = 5V, PWM1-3 = 5V, FADJ = 0.5V, CTRL1-3 = 1.5V,
OVP1-3 = 0V, unless otherwise noted.
Note 3: Current flows into pin. Current limit and switch VCESAT is
guaranteed by design and/or correlation to static test.
Note 4: Absolute maximum voltage at the VIN and SHDN pins is 40V for
nonrepetitive 1 second transients, and 30V for continuous operation.
Note 5: Gate turn-on/turn-off delay is measured from 50% level of PWM
voltage to 90% level of gate on/off voltage.
Quiescent Current
Switch On Voltage
Switch Current Limit
vs Duty Cycle
VIN (V)
0
8
10
14
30
3492 G01
6
4
10
20
40
2
0
12
PWM1-3 = 5V
VC = GND, NOT SWITCHING
PWM1-3 = 0V
DUTY CYCLE (%)
0
600
800
1200
1000
80
3492 G03
400
200
0
20
40
60
100
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Input Low Voltage
0.4
V
SHDN Input High Voltage
1.5
V
SHDN Pin Current
SHDN = 5V, Current Into Pin
65
120
μA
PWM1-3 Input Low Voltage
0.4
V
PWM1-3 Input High Voltage
1.2
V
PWM1-3 Pin Current
Current Into Pin
160
210
μA
Gate Off Voltage (ISP1-3–TG1-3)
ISP1-3 = 60V, PWM1-3 = 0V
0.1
0.3
V
Gate On Voltage (ISP1-3–TG1-3)
ISP1-3 = 60V
5.5
6.5
7.5
V
Gate Turn-On Delay
CLOAD = 300pF, ISP1-3 = 60V (Note 5)
110
ns
Gate Turn-Off Delay
CLOAD = 300pF, ISP1-3 = 60V (Note 5)
110
ns
(TA = 25°C unless otherwise noted)
TYPICAL PERFORMANCE CHARACTERISTICS
SWITCH CURRENT (mA)
0
300
400
600
500
800
3492 G02
200
100
0
200
400
600
1000


Similar Part No. - LT3492EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3492 LINER-LT3492 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Analog Devices
LT3492 AD-LT3492 Datasheet
2Mb / 36P
   I2C Programmable Quad Monolithic Boost LED Driver
logo
Linear Technology
LT3492 LINER-LT3492_15 Datasheet
335Kb / 22P
   Triple Output LED Driver with 3000:1 PWM Dimming
More results

Similar Description - LT3492EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3492 LINER-LT3492_15 Datasheet
335Kb / 22P
   Triple Output LED Driver with 3000:1 PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Renesas Technology Corp
ISL97632 RENESAS-ISL97632 Datasheet
508Kb / 10P
   LED Driver with 1-Wire Dimming
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_10 Datasheet
175Kb / 9P
   LED Driver with 1-Wire Dimming
logo
ON Semiconductor
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
   Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com