Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1063ACEG+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1063ACEG+
Description  250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1063ACEG+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1063ACEG+ Datasheet HTML 1Page - Maxim Integrated Products MAX1063ACEG+ Datasheet HTML 2Page - Maxim Integrated Products MAX1063ACEG+ Datasheet HTML 3Page - Maxim Integrated Products MAX1063ACEG+ Datasheet HTML 4Page - Maxim Integrated Products MAX1063ACEG+ Datasheet HTML 5Page - Maxim Integrated Products MAX1063ACEG+ Datasheet HTML 6Page - Maxim Integrated Products MAX1063ACEG+ Datasheet HTML 7Page - Maxim Integrated Products MAX1063ACEG+ Datasheet HTML 8Page - Maxim Integrated Products MAX1063ACEG+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
250ksps, +3V, 8-/4-Channel, 10-Bit ADCs
with +2.5V Reference and Parallel Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VLOGIC = +2.7V to +3.6V, COM = GND, REFADJ = VDD, VREF = +2.5V, 4.7µF capacitor at REF pin, fCLK = 4.8MHz (50% duty
cycle), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
0 to 0.5mA output load (Note 7)
To power down the internal reference
For small adjustments
TA = 0°C to +70°C
On-/off-leakage current, VIN = 0 or VDD
Unipolar, VCOM = 0
V
1.0
VDD +
50mV
VREF
REF Input Voltage Range
µF
4.7
10
Capacitive Bypass at REF
µF
0.01
1
Capacitive Bypass at REFADJ
mV/mA
0.2
Load Regulation
V
VDD - 1.0
REFADJ High Threshold
mV
±100
REFADJ Input Range
±20
ppm/°C
TCREF
REF Temperature Coefficient
mA
15
REF Short-Circuit Current
V
2.49
2.5
2.51
REF Output Voltage
pF
12
CIN
Input Capacitance
µA
±0.01
±1
Multiplexer Leakage Current
V
Analog Input Voltage Range
Single Ended and Differential
(Note 6)
0VREF
VIN
CS = VDD
ISOURCE = 1mA
ISINK = 1.6mA
VIN = 0 or VDD
VLOGIC = 2.7V
µA
±0.1
±1
ILEAKAGE
Tri-State Leakage Current
V
VLOGIC - 0.5
VOH
Output High Voltage
V
0.4
VOL
Output Low Voltage
pF
15
CIN
Input Capacitance
µA
±0.1
±1
IIN
Input Leakage Current
mV
200
VHYS
Input Hysteresis
2.0
CS = VDD
pF
15
COUT
Tri-State Output Capacitance
Bipolar, VCOM = VREF / 2
-VREF/2
+VREF/2
VREF = 2.5V, fSAMPLE = 250ksps
µA
200
300
IREF
REF Input Current
Shutdown mode
2
VLOGIC = 1.8V
V
1.5
VIH
Input High Voltage
VLOGIC = 1.8V
V
0.5
VIL
Input Low Voltage
VLOGIC = 2.7V
0.8
ANALOG INPUTS
INTERNAL REFERENCE
EXTERNAL REFERENCE AT REF
DIGITAL INPUTS AND OUTPUTS


Similar Part No. - MAX1063ACEG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
   짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
MAX106 MAXIM-MAX106 Datasheet
786Kb / 20P
   Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1060 MAXIM-MAX1060 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060ACEI MAXIM-MAX1060ACEI Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060AEEI MAXIM-MAX1060AEEI Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results

Similar Description - MAX1063ACEG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com