Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8724 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8724
Description  Low-Cost Multichemistry Battery Chargers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8724 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8724 Datasheet HTML 5Page - Maxim Integrated Products MAX8724 Datasheet HTML 6Page - Maxim Integrated Products MAX8724 Datasheet HTML 7Page - Maxim Integrated Products MAX8724 Datasheet HTML 8Page - Maxim Integrated Products MAX8724 Datasheet HTML 9Page - Maxim Integrated Products MAX8724 Datasheet HTML 10Page - Maxim Integrated Products MAX8724 Datasheet HTML 11Page - Maxim Integrated Products MAX8724 Datasheet HTML 12Page - Maxim Integrated Products MAX8724 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Low-Cost Multichemistry Battery Chargers
_______________________________________________________________________________________
9
ELECTRICAL CHARACTERISTICS (continued)
(VDCIN = VCSSP = VCSSN = 18V, VBATT = VCSIP = VCSIN = 12V, VREFIN = 3V, VVCTL = VICTL = 0.75 x VREFIN, CELLS = open, CLS =
REF, VBST - VLX = 4.5V, ACIN = GND = PGND = 0, CLDO = 1µF, LDO = DLOV, CREF = 1µF; CCI, CCS, and CCV are compensated
per Figure 1a; TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY AND LDO REGULATOR
DCIN Input Voltage Range
VDCIN
8
28
V
DCIN Quiescent Current
IDCIN
8.0V < VDCIN < 28V
6
mA
VBATT = 19V, VDCIN = 0V
1
BATT Input Current
IBATT
VBATT = 2V to 19V, VDCIN = 19.3V
500
µA
LDO Output Voltage
8V < VDCIN < 28V, no load
5.25
5.55
V
LDO Load Regulation
0 < ILDO < 10mA
100
mV
REFERENCE
REF Output Voltage
0 < IREF < 500µA
4.065
4.120
V
TRIP POINTS
VDCIN falling, referred to VCSIN
(MAX1908/MAX8724 only)
50
150
BATT Power-Fail Threshold
VCSSP falling, referred to VCSIN
(MAX8765/MAX8765A only)
50
150
mV
ACIN rising (MAX8765/MAX8765A only)
2.028
2.068
ACIN Threshold
ACIN rising (MAX1908/MAX8724 only)
2.007
2.089
V
SWITCHING REGULATOR
DHI Off-Time
VBATT = 16V, VDCIN = 19V,
VCELLS = VREFIN
0.35
0.45
µs
DHI Minimum Off-Time
VBATT = 16V, VDCIN = 17V,
VCELLS = VREFIN
0.24
0.33
µs
DHI Maximum On-Time
2.5
7.5
ms
DHI Maximum Duty Cycle
99
%
Battery Undervoltage Charge
Current
VBATT = 3V per cell (RS2 = 15m
Ω),
MAX1908 only, VBATT rising
150
450
mA
CELLS = GND, MAX1908 only, VBATT rising
6.09
6.30
CELLS = open, MAX1908 only, VBATT rising
9.12
9.45
Battery Undervoltage Current
Threshold
CELLS = VREFIN, MAX1908 only, VBATT rising
12.18
12.60
V
DHI On-Resistance High
VBST - VLX = 4.5V, IDHI = +100mA
7
DHI On-Resistance Low
VBST - VLX = 4.5V, IDHI = -100mA
3.5
DLO On-Resistance High
VDLOV = 4.5V, IDLO = +100mA
7
DLO On-Resistance Low
VDLOV = 4.5V, IDLO = -100mA
3.5


Similar Part No. - MAX8724

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8724 MAXIM-MAX8724 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX8724 MAXIM-MAX8724 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX8724ETI MAXIM-MAX8724ETI Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX8724ETI MAXIM-MAX8724ETI Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
More results

Similar Description - MAX8724

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
   Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
   Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
logo
Motorola, Inc
AN1593 MOTOROLA-AN1593 Datasheet
212Kb / 8P
   LOW COST 1.0 A CURRENT SOURCE FOR BATTERY CHARGERS
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
   BATTERY CHARGERS
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com