Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1061BCEI+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1061BCEI+
Description  250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1061BCEI+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1061BCEI+ Datasheet HTML 1Page - Maxim Integrated Products MAX1061BCEI+ Datasheet HTML 2Page - Maxim Integrated Products MAX1061BCEI+ Datasheet HTML 3Page - Maxim Integrated Products MAX1061BCEI+ Datasheet HTML 4Page - Maxim Integrated Products MAX1061BCEI+ Datasheet HTML 5Page - Maxim Integrated Products MAX1061BCEI+ Datasheet HTML 6Page - Maxim Integrated Products MAX1061BCEI+ Datasheet HTML 7Page - Maxim Integrated Products MAX1061BCEI+ Datasheet HTML 8Page - Maxim Integrated Products MAX1061BCEI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX1061/MAX1063 low-power, 10-bit analog-to-
digital converters (ADCs) feature a successive-approxi-
mation ADC, automatic power-down, fast wake-up
(2µs), an on-chip clock, +2.5V internal reference, and a
high-speed, byte-wide parallel interface. They operate
with a single +3V analog supply and feature a VLOGIC
pin that allows them to interface directly with a +1.8V to
+3.6V digital supply.
Power consumption is only 5.7mW (VDD = VLOGIC) at
the maximum sampling rate of 250ksps. Two software-
selectable power-down modes enable the MAX1061/
MAX1063 to be shut down between conversions;
accessing the parallel interface returns them to normal
operation. Powering down between conversions can
cut supply current to under 10µA at reduced sampling
rates.
Both devices offer software-configurable analog inputs
for unipolar/bipolar and single-ended/pseudo-differen-
tial operation. In single-ended mode, the MAX1061 has
eight input channels and the MAX1063 has four input
channels (four and two input channels, respectively,
when in pseudo-differential mode).
Excellent dynamic performance and low power, com-
bined with ease of use and small package size, make
these converters ideal for battery-powered and data-
acquisition applications or for other circuits with demand-
ing power consumption and space requirements.
The MAX1061 is available in a 28-pin QSOP package,
while the MAX1063 is available in a 24-pin QSOP. For
pin-compatible +5V, 10-bit versions, refer to the
MAX1060/MAX1064 data sheet.
Applications
Industrial Control Systems
Data Logging
Energy Management
Patient Monitoring
Data-Acquisition Systems
Touch Screens
Features
♦ 10-Bit Resolution, ±0.5 LSB Linearity
♦ +3V Single-Supply Operation
♦ User-Adjustable Logic Level (+1.8V to +3.6V)
♦ Internal +2.5V Reference
♦ Software-Configurable, Analog Input Multiplexer
8-Channel Single Ended/
4-Channel Pseudo-Differential (MAX1061)
4-Channel Single Ended/
2-Channel Pseudo-Differential (MAX1063)
♦ Software-Configurable, Unipolar/Bipolar Inputs
♦ Low Power
1.9mA (250ksps)
1.0mA (100ksps)
400µA (10ksps)
2µA (Shutdown)
♦ Internal 3MHz Full-Power Bandwidth Track/Hold
♦ Byte-Wide Parallel (8 + 2) Interface
♦ Small Footprint: 28-Pin QSOP (MAX1061)
24-Pin QSOP (MAX1063)
250ksps, +3V, 8-/4-Channel, 10-Bit ADCs
with +2.5V Reference and Parallel Interface
________________________________________________________________
Maxim Integrated Products
1
19-2724; Rev 1; 3/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
MAX1061ACEI+
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
28 QSOP
Ordering Information
Pin Configurations
±0.5
INL
(LSB)
MAX1061BCEI+
0°C to +70°C
±1
28 QSOP
+
Denotes a lead(Pb)-free/RoHS-compliant package.
Ordering Information continued at end of data sheet.
Typical Operating Circuits appear at end of data sheet.
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
VLOGIC
VDD
REF
REFADJ
GND
COM
CH0
CH1
CH2
CH3
CS
CLK
WR
RD
INT
D0/D8
D1/D9
D2
D3
D4
D5
D6
D7
HBEN
QSOP
MAX1063
Pin Configurations continued at end of data sheet.
MAX1061BEEI+
MAX1061AEEI+
-40°C to +85°C
±1
-40°C to +85°C
±0.5
28 QSOP
28 QSOP


Similar Part No. - MAX1061BCEI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
   짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
MAX106 MAXIM-MAX106 Datasheet
786Kb / 20P
   Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1060 MAXIM-MAX1060 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060ACEI MAXIM-MAX1060ACEI Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060AEEI MAXIM-MAX1060AEEI Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results

Similar Description - MAX1061BCEI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com