Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1643P-100+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1643P-100+
Description  Nonvolatile Timekeeping RAMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1643P-100+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1643P-100+ Datasheet HTML 1Page - Maxim Integrated Products DS1643P-100+ Datasheet HTML 2Page - Maxim Integrated Products DS1643P-100+ Datasheet HTML 3Page - Maxim Integrated Products DS1643P-100+ Datasheet HTML 4Page - Maxim Integrated Products DS1643P-100+ Datasheet HTML 5Page - Maxim Integrated Products DS1643P-100+ Datasheet HTML 6Page - Maxim Integrated Products DS1643P-100+ Datasheet HTML 7Page - Maxim Integrated Products DS1643P-100+ Datasheet HTML 8Page - Maxim Integrated Products DS1643P-100+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1 of 17
FEATURES
 Integrated NV SRAM, Real-Time Clock,
Crystal, Power-Fail Control Circuit and
Lithium Energy Source
 Clock Registers are Accessed Identically to the
Static RAM. These Registers Reside in the
Eight Top RAM Locations.
 Totally Nonvolatile with Over 10 Years of
Operation in the Absence of Power
 Access Times of 70ns and 100ns
 BCD-Coded Year, Month, Date, Day, Hours,
Minutes, and Seconds with Leap Year
Compensation Valid Up to 2100
 Power-Fail Write Protection Allows for ±10%
VCC Power Supply Tolerance
 Lithium Energy Source is Electrically
Disconnected to Retain Freshness Until Power
is Applied for the First Time
 DS1643 Only (DIP Module)
Standard JEDEC Byte-Wide 8K x 8 RAM
Pinout
UL Recognized
 DS1643P Only (PowerCap Module Board)
Surface Mountable Package for Direct
Connection to PowerCap Containing
Battery and Crystal
Replaceable Battery (PowerCap)
Power-Fail Output
Pin-for-Pin Compatible with Other Densities of
DS164XP Timekeeping RAM
PIN CONFIGURATIONS
ORDERING INFORMATION
PART
VOLTAGE RANGE
(V)
TEMP RANGE
PIN-PACKAGE
TOP MARK
DS1643-70+
5.0
0°C to +70°C
28 EDIP (0.740)
DS1643+70
DS1643-70
5.0
0°C to +70°C
28 EDIP (0.740)
DS1643-70
DS1643-100+
5.0
0°C to +70°C
28 EDIP (0.740)
DS1643+100
DS1643-100
5.0
0°C to +70°C
28 EDIP (0.740)
DS1643-100
DS1643P-70+
5.0
0°C to +70°C
34-PowerCap*
DS1643P+70
DS1643P-70
5.0
0°C to +70°C
34-PowerCap*
DS1643P-70
DS1643P-100+
5.0
0°C to +70°C
34-PowerCap*
DS1643P+100
DS1643P-100
5.0
0°C to +70°C
34-PowerCap*
DS1643P-100
*DS9034-PCX, DS9034I-PCX, DS9034-PCX+ required (must be ordered separately).
+Denotes a lead(Pb)-free/RoHS-compliant packaget. The top mark will include a “+” symbol on lead-free devices.
DS1643/DS1643P
Nonvolatile Timekeeping RAMs
www.maxim-ic.com
13
27
Encapsulated DIP
(700-mil Extended)
A7
A5
A3
A2
A1
A0
DQ0
DQ1
GND
DQ2
VCC
WE
CE2
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ3
DQ4
1
2
3
4
5
6
7
8
9
10
11
12
14
28
26
25
24
23
22
21
20
19
18
17
15
16
A12
A6
A4
N.C.
DS1643
1
N.C.
2
3
N.C.
N.C.
PFO
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
4
5
6
7
8
9
10
11
12
13
14
15
16
17
N.C.
N.C.
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
N.C.
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
34
N.C.
X1
GND VBAT
X2
PowerCap Module Board
(Uses DS9034PCX PowerCap)
DS1643P
TOP VIEW
19-5058; Rev 12/09


Similar Part No. - DS1643P-100+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1643P-100 DALLAS-DS1643P-100 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1643P-100 MAXIM-DS1643P-100 Datasheet
209Kb / 17P
   Nonvolatile Timekeeping RAMs
Rev 5/10
logo
ARTSCHIP ELECTRONICS CO...
DS1643P-100 ARTSCHIP-DS1643P-100 Datasheet
316Kb / 11P
   Nonvolatile Timekeeping RAM
More results

Similar Description - DS1643P-100+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1643 MAXIM-DS1643_10 Datasheet
209Kb / 17P
   Nonvolatile Timekeeping RAMs
Rev 5/10
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com