Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2634CMSE-HMX12TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2634CMSE-HMX12TRPBF
Description  Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2634CMSE-HMX12TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC2634CMSE-HMX12TRPBF Datasheet HTML 1Page - Linear Technology LTC2634CMSE-HMX12TRPBF Datasheet HTML 2Page - Linear Technology LTC2634CMSE-HMX12TRPBF Datasheet HTML 3Page - Linear Technology LTC2634CMSE-HMX12TRPBF Datasheet HTML 4Page - Linear Technology LTC2634CMSE-HMX12TRPBF Datasheet HTML 5Page - Linear Technology LTC2634CMSE-HMX12TRPBF Datasheet HTML 6Page - Linear Technology LTC2634CMSE-HMX12TRPBF Datasheet HTML 7Page - Linear Technology LTC2634CMSE-HMX12TRPBF Datasheet HTML 8Page - Linear Technology LTC2634CMSE-HMX12TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC2634
1
2634fb
BLOCK DIAGRAM
FEATURES
APPLICATIONS
DESCRIPTION
Quad 12-/10-/8-Bit
Rail-to-Rail DACs with
10ppm/°C Reference
The LTC®2634 is a family of quad 12-, 10- and 8-bit volt-
age output DACs with an integrated, high accuracy, low
drift 10ppm/°C reference in 16-lead QFN and 10-lead
MSOP packages. It has rail-to-rail output buffers and is
guaranteed monotonic. The LTC2634-L has a full-scale
output of 2.5V, and operates from a single 2.7V to 5.5V
supply. The LTC2634-H has a full-scale output of 4.096V,
and operates from a 4.5V to 5.5V supply. Each DAC can
also operate with an external reference, which sets the
full-scale output to the external reference voltage.
These DACs communicate via an SPI/MICROWIRE compat-
ible 3-wire serial interface which operates at clock rates
up to 50MHz. Serial data output (SDO), a hardware clear
(CLR), and an asynchronous DAC update (LDAC) capability
are available in the QFN package. The LTC2634 incorporates
a power-on reset circuit. Options are available for reset
to zero-scale or reset to mid-scale in internal reference
mode, or reset to mid-scale in external reference mode
after power-up.
Integral Nonlinearity
(LTC2634-LZ12)
n Integrated Precision Reference
2.5V Full-Scale 10ppm/°C (LTC2634-L)
4.096V Full-Scale 10ppm/°C (LTC2634-H)
n Maximum INL Error: ±2.5 LSB (LTC2634-12)
n Low Noise: 0.75mVP-P 0.1Hz to 200KHz
n Guaranteed Monotonic over –40°C to 125°C
Temperature Range
n Selectable Internal or External Reference
n 2.7V to 5.5V Supply Range (LTC2634-L)
n Ultralow Crosstalk Between DACs (2.4nV•s)
n Low Power: 0.6mA at 3V
n Power-On Reset to Zero-Scale/Mid-Scale
n Double Buffered Data Latches
n Tiny 16-Lead 3mm
× 3mm QFN and 10-Lead
MSOP Packages
n Mobile Communications
n Process Control and Industrial Automation
n Automatic Test Equipment
n Portable Equipment
n Automotive
DAC A
VOUTA
(REFLO)
CS/LD
SCK
( ) QFN PACKAGE ONLY
(LDAC)
GND
VOUTB
VREF
DAC D
DAC B
DAC C
VREF
VOUTD
REF
VCC
VREF
VOUTC
SWITCH
INTERNAL
REFERENCE
32-BIT SHIFT REGISTER
DECODE
CONTROL
LOGIC
POWER-ON
RESET
SDI
2634 BD
(SDO)
(CLR)
CODE
0
0
1
4095
2634 TA01
–1
–2
1024
2048
3072
2
VCC = 3V
INTERNAL REF
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5396245, 5859606, 6891433, 6937178, 7414561.


Similar Part No. - LTC2634CMSE-HMX12TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634CMSE-HMX12TRPBF LINER-LTC2634CMSE-HMX12TRPBF Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results

Similar Description - LTC2634CMSE-HMX12TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com