Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM2881IV-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM2881IV-5
Description  Complete Isolated RS485/RS422 關Module Transceiver Power
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2881IV-5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM2881IV-5 Datasheet HTML 2Page - Linear Technology LTM2881IV-5 Datasheet HTML 3Page - Linear Technology LTM2881IV-5 Datasheet HTML 4Page - Linear Technology LTM2881IV-5 Datasheet HTML 5Page - Linear Technology LTM2881IV-5 Datasheet HTML 6Page - Linear Technology LTM2881IV-5 Datasheet HTML 7Page - Linear Technology LTM2881IV-5 Datasheet HTML 8Page - Linear Technology LTM2881IV-5 Datasheet HTML 9Page - Linear Technology LTM2881IV-5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM2881
6
2881f
TEMPERATURE (°C)
2.0
0
0.5
1.5
1.0
–0.5
–1.0
2881 G01
100
75
50
25
0
–25
–50
Receiver Skew vs Temperature
Driver Skew vs Temperature
Driver Propagation Delay
vs Temperature
TEMPERATURE (°C)
2.0
0
0.5
1.5
1.0
–0.5
–1.0
2881 G02
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
80
50
70
65
60
55
75
2881 G03
100
75
50
25
0
–25
–50
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Output Voltage vs
Output Current (Source and Sink)
Receiver Propagation Delay
vs Temperature
Supply Current vs Data Rate
RTERM vs Temperature
Driver Output Low/High Voltage
vs Output Current
Driver Differential Output Voltage
vs Temperature
TEMPERATURE (°C)
130
110
112
114
116
118
120
122
124
126
128
2881 G04
100
75
50
25
0
–25
–50
OUTPUT CURRENT (mA)
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
2881 G05
70
60
50
40
30
20
10
0
OUTPUT HIGH
OUTPUT LOW
TEMPERATURE (°C)
6
1
0
2
4
3
5
2881 G06
100
75
50
25
0
–25
–50
R = ∞
R = 100Ω
R = 54Ω
TA = 25°C, LTM2881-3 VCC = 3.3V, LTM2881-5
VCC = 5.0V, VL = 3.3V unless otherwise noted.
OUTPUT CURRENT (mA)
4
1
0
2
3
2881 G07
5
4
3
2
1
0
SINK
SOURCE
TEMPERATURE (°C)
120
115
110
105
100
95
90
2881 G08
100
75
50
25
0
–25
–50
DATA RATE (Mbps)
200
180
140
160
100
120
80
60
40
20
0
2881 G09
10
1
0.1
R = 54 (–3)
R = 100 (–3)
R = 54 (–5)
R = 100 (–5)
R = ∞ (–3)
R = ∞ (–5)


Similar Part No. - LTM2881IV-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881IV-5-PBF LINER-LTM2881IV-5-PBF Datasheet
462Kb / 22P
   Complete Isolated RS485/RS422 關Module Transceiver Power
More results

Similar Description - LTM2881IV-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
   Complete Isolated RS485/RS422 Module Transceiver Power
LTM2881 LINER-LTM2881_12 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
   Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
   Isolated RS485/RS422 Interface
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
   Isolated 3Volt RS422/RS485 Interface
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
   Isolated RS485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com