Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L5128GL Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY61L5128GL
Description  512K X 8 BIT HIGH SPEED CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L5128GL Datasheet(HTML) 1 Page - Lyontek Inc.

  LY61L5128GL Datasheet HTML 1Page - Lyontek Inc. LY61L5128GL Datasheet HTML 2Page - Lyontek Inc. LY61L5128GL Datasheet HTML 3Page - Lyontek Inc. LY61L5128GL Datasheet HTML 4Page - Lyontek Inc. LY61L5128GL Datasheet HTML 5Page - Lyontek Inc. LY61L5128GL Datasheet HTML 6Page - Lyontek Inc. LY61L5128GL Datasheet HTML 7Page - Lyontek Inc. LY61L5128GL Datasheet HTML 8Page - Lyontek Inc. LY61L5128GL Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LY61L5128
Rev. 2.2
512K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 1.0
Initial Issue
Sep.5.2006
Rev. 1.1
Revised Package Outline Dimension(TSOP-II)
Apr.12.2007
Rev. 2.0
Revised ICC and ISB1
Revised Test Condition of ISB1/IDR
Added E and I grade
Revised ABSOLUTE MAXIMUN RATINGS
Jun.23.2007
Rev. 2.1
Adding PKG type : 36-ball 6mm x 8mm TFBGA
Revised Test Condition of ICC
Mar.31.2008
Rev. 2.2
Revised FEATURES & ORDERING INFORMATION
Lead free and green package available
to Green package
available
Deleted TSOLDER in ABSOLUTE MAXIMUN RATINGS
Added packing type in ORDERING INFORMATION
Apr.17.2009


Similar Part No. - LY61L5128GL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L5128GL-10LL LYONTEK-LY61L5128GL-10LL Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128GL-10LLE LYONTEK-LY61L5128GL-10LLE Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128GL-10LLET LYONTEK-LY61L5128GL-10LLET Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128GL-10LLI LYONTEK-LY61L5128GL-10LLI Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128GL-10LLIT LYONTEK-LY61L5128GL-10LLIT Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L5128GL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L5128 LYONTEK-LY61L5128_10 Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128 LYONTEK-LY61L5128_17 Datasheet
637Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_13 Datasheet
242Kb / 11P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_16 Datasheet
500Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128_1008 LYONTEK-LY615128_1008 Datasheet
160Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128 LYONTEK-LY615128 Datasheet
154Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128 LYONTEK-LY615128_17 Datasheet
679Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Lyontek Inc.
LY61L51332A LYONTEK-LY61L51332A_17 Datasheet
781Kb / 13P
   512K X 32 BIT HIGH SPEED CMOS SRAM
LY61L51216A LYONTEK-LY61L51216A_13 Datasheet
300Kb / 12P
   512K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com