Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6411 Datasheet(PDF) 2 Page - Pomona Electronics

Part # 6411
Description  Back Probe Pin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6411 Datasheet(HTML) 2 Page - Pomona Electronics

  6411 Datasheet HTML 1Page - Pomona Electronics 6411 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 6411
Back Probe Pin
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1094958
Page 2 of 2


Similar Part No. - 6411

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
6411 CRYDOM-6411 Datasheet
53Kb / 2P
   AC Output Buffered Modules
logo
OSRAM GmbH
641115W12VBA OSRAM-641115W12VBA Datasheet
121Kb / 4P
   Hard-glass technology
logo
Tyco Electronics
641119 MACOM-641119 Datasheet
189Kb / 1P
   MTA-156 HEADER ASSEMBLY, FRICTION LOCK, SRAIGHT, .045 SQUARE POST, .000015 GOLD
641119-2 MACOM-641119-2 Datasheet
189Kb / 1P
   MTA-156 HEADER ASSEMBLY, FRICTION LOCK, SRAIGHT, .045 SQUARE POST, .000015 GOLD
641119-3 MACOM-641119-3 Datasheet
189Kb / 1P
   MTA-156 HEADER ASSEMBLY, FRICTION LOCK, SRAIGHT, .045 SQUARE POST, .000015 GOLD
More results

Similar Description - 6411

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6544 POMONA-6544 Datasheet
63Kb / 1P
   Rigid Back Probe Pin
logo
SUYIN USA, INC.
060125MA SUYIN-USA-060125MA Datasheet
85Kb / 1P
   4.0mm PITCH PROBE PIN CONNECTOR PIN BATTERY
250009MA SUYIN-USA-250009MA Datasheet
97Kb / 1P
   2.5mm PITCH PROBE PIN CONNECTOR PIN BATTERY
060153MA SUYIN-USA-060153MA Datasheet
121Kb / 1P
   3.0mm PITCH PROBE PIN CONNECTOR
300005MA002G100ZL SUYIN-USA-300005MA002G100ZL Datasheet
34Kb / 1P
   3.00mm PITCH PROBE PIN BATT.CONN
350005MA001XX00XX SUYIN-USA-350005MA001XX00XX Datasheet
72Kb / 1P
   3.50 PITCH PROBE PIN BATT. CONN
350005MA002XX00XX SUYIN-USA-350005MA002XX00XX Datasheet
74Kb / 1P
   3.50 PITCH PROBE PIN BATT. CONN
250009MA002XX00XX SUYIN-USA-250009MA002XX00XX Datasheet
63Kb / 1P
   2.5mm Pitch 2 Probe Pin Battery
254046MA012G401ZR SUYIN-USA-254046MA012G401ZR Datasheet
108Kb / 1P
   2.54mm PITCH PROBE PIN BATTERY CONN
250023MA004XX00XX SUYIN-USA-250023MA004XX00XX Datasheet
61Kb / 1P
   2.50mm Pitch Probe Pin Battery Conn
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com