Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6387 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6387
Description  Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6387 Datasheet(HTML) 1 Page - Pomona Electronics

  6387 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 6387
Banana Jack, Panel Mount, 4mm
For Sheathed Banana Plugs
USA: Sales: 800-490-2361
Fax: 425-446-5844
Technical Support: technicalsupport@pomonatest.com
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
Rev: 101
D1094643
Page 1 of 2
Recommended Maximum Panel Thickness: .57” (15mm)
FEATURES:
Banana Jack mates to all popular shrouded
and unshrouded DMM plugs
Meets IEC 1010-2-031 CAT III 1000V
MATERIALS:
Banana Jack: Brass, Tin-plated
Terminal Type: Solder Turret
Insulation: Nylon, see ordering information for
color
Nut: Brass, Nickel Plated
RATINGS:
Operating Voltage: 1000 VRMS Max.
Current: 15 Amperes Max.
ORDERING INFORMATION:
Model 6387-ST-T-*
* = Color, available in -0 Black, -2 Red
Sold in packs of 10.


Similar Part No. - 6387

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6387-BC-G-0 POMONA-6387-BC-G-0 Datasheet
47Kb / 2P
   Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
6387-ST-N-0 POMONA-6387-ST-N-0 Datasheet
47Kb / 2P
   Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
6387-ST-T-0 POMONA-6387-ST-T-0 Datasheet
47Kb / 2P
   Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
6387-ST-T-2 POMONA-6387-ST-T-2 Datasheet
47Kb / 2P
   Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
6387-ST-T-6 POMONA-6387-ST-T-6 Datasheet
47Kb / 2P
   Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
More results

Similar Description - 6387

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6387-ST-T-0 POMONA-6387-ST-T-0 Datasheet
47Kb / 2P
   Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
5931 POMONA-5931 Datasheet
70Kb / 1P
   Panel Mount 4mm Banana Jack For Sheathed Plugs
72913 POMONA-72913 Datasheet
128Kb / 1P
   Panel Mt IEC61010 4mm (0.16in) Jack for Sheathed Banana Plugs
72917 POMONA-72917 Datasheet
70Kb / 1P
   4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
72912 POMONA-72912 Datasheet
106Kb / 1P
   Panel Mt IEC1010 Banana Jacks for Sheathed Plugs
72930 POMONA-72930 Datasheet
92Kb / 1P
   Panel Mt IEC1010 4mm (0.16in) jack for Sheathed Plugs
logo
List of Unclassifed Man...
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
   4mm banana jack to 2mm banana jack adapter
logo
Pomona Electronics
72916 POMONA-72916 Datasheet
129Kb / 1P
   4mm Banana Jack to 2mm Banana Jack Adapter
1581 POMONA-1581 Datasheet
26Kb / 1P
   Panel Mount Banana Jack
logo
List of Unclassifed Man...
BU-P2854-0 ETC2-BU-P2854-0 Datasheet
193Kb / 1P
   Banana Jack (Panel mount)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com