Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L6416LL Datasheet(PDF) 8 Page - Lyontek Inc.

Part # LY61L6416LL
Description  64K X 16 BIT HIGH SPEED CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L6416LL Datasheet(HTML) 8 Page - Lyontek Inc.

Back Button LY61L6416LL Datasheet HTML 4Page - Lyontek Inc. LY61L6416LL Datasheet HTML 5Page - Lyontek Inc. LY61L6416LL Datasheet HTML 6Page - Lyontek Inc. LY61L6416LL Datasheet HTML 7Page - Lyontek Inc. LY61L6416LL Datasheet HTML 8Page - Lyontek Inc. LY61L6416LL Datasheet HTML 9Page - Lyontek Inc. LY61L6416LL Datasheet HTML 10Page - Lyontek Inc. LY61L6416LL Datasheet HTML 11Page - Lyontek Inc. LY61L6416LL Datasheet HTML 12Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LY61L6416
Rev. 1.8
64K X 16 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
7
®
WRITE CYCLE 1 (WE# Controlled) (1,2,3,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
tWP
tCW
tWR
tAS
(4)
TOW
LB#,UB#
CE#
tAW
Address
tWC
tBW
WRITE CYCLE 2 (CE# Controlled) (1,2,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
LB#,UB#
tCW
CE#
Address
tWR
tAS
tAW
tWC
tWP
tBW


Similar Part No. - LY61L6416LL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L6416GL-08LL LYONTEK-LY61L6416GL-08LL Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416GL-08LLE LYONTEK-LY61L6416GL-08LLE Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416GL-08LLET LYONTEK-LY61L6416GL-08LLET Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416GL-08LLI LYONTEK-LY61L6416GL-08LLI Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416GL-08LLIT LYONTEK-LY61L6416GL-08LLIT Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L6416LL

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416 LYONTEK-LY61L6416_16 Datasheet
814Kb / 16P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416_1008 LYONTEK-LY616416_1008 Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com