Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGD1042H Datasheet(PDF) 1 Page - NXP Semiconductors

Part # CGD1042H
Description  1 GHz, 23 dB gain high output power doubler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CGD1042H Datasheet(HTML) 1 Page - NXP Semiconductors

  CGD1042H_09 Datasheet HTML 1Page - NXP Semiconductors CGD1042H_09 Datasheet HTML 2Page - NXP Semiconductors CGD1042H_09 Datasheet HTML 3Page - NXP Semiconductors CGD1042H_09 Datasheet HTML 4Page - NXP Semiconductors CGD1042H_09 Datasheet HTML 5Page - NXP Semiconductors CGD1042H_09 Datasheet HTML 6Page - NXP Semiconductors CGD1042H_09 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CGD1042H
1 GHz, 23 dB gain high output power doubler
Rev. 02 — 16 November 2009
Product data sheet
1.
Product profile
1.1 General description
Hybrid amplifier module in a SOT115J package, operating at a supply voltage of 24 V
Direct Current (DC), employing Hetero junction Field Effect Transistor (HFET) GaAs dies.
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling.
1.2 Features
High output power capability
Excellent linearity
Extremely low noise
Excellent return loss properties
Rugged construction
Unconditionally stable
Thermal optimized design
1.3 Applications
CATV systems operating in the 40 MHz to 1000 MHz frequency range
1.4 Quick reference data
Table 1.
Quick reference data
Bandwidth to 1000 MHz; VB = 24 V (DC); Tmb = 35 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
f = 45 MHz
-
21.5
-
dB
f = 1000 MHz
22.0
23.0
24.0
dB
Itot
total current
[1] 430
450
470
mA
[1]
Direct Current (DC).


Similar Part No. - CGD1042H_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD1042HI NXP-CGD1042HI Datasheet
58Kb / 7P
   1 GHz, 22 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
CGD1042HI NXP-CGD1042HI Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
CGD1042H_2015 JMNIC-CGD1042H_2015 Datasheet
58Kb / 7P
   1 GHz, 23 dB gain high output power doubler
More results

Similar Description - CGD1042H_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD1042H NXP-CGD1042H Datasheet
51Kb / 7P
   1 GHz, 23 dB gain high output power doubler
Rev. 01 - 9 October 2007
logo
Quanzhou Jinmei Electro...
CGD1042H_2015 JMNIC-CGD1042H_2015 Datasheet
58Kb / 7P
   1 GHz, 23 dB gain high output power doubler
logo
NXP Semiconductors
CGD1044H NXP-CGD1044H_09 Datasheet
300Kb / 7P
   1 GHz, 25 dB gain high output power doubler
Rev. 02-16 November 2009
CGD1044H NXP-CGD1044H Datasheet
51Kb / 7P
   1 GHz, 25 dB gain high output power doubler
Rev. 01 - 10 October 2007
logo
Quanzhou Jinmei Electro...
CGD1044H_2015 JMNIC-CGD1044H_2015 Datasheet
58Kb / 7P
   1 GHz, 25 dB gain high output power doubler
logo
NXP Semiconductors
CGD1044HI NXP-CGD1044HI Datasheet
59Kb / 7P
   1 GHz, 25 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
CGD1040HI NXP-CGD1040HI Datasheet
58Kb / 7P
   1 GHz, 20 dB gain GaAs high output power doubler
Rev. 01-22 September 2009
CGD1042HI NXP-CGD1042HI Datasheet
58Kb / 7P
   1 GHz, 22 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
logo
NEC
MC-7893 NEC-MC-7893 Datasheet
52Kb / 6P
   1 GHz CATV 23 dB POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA2786 ANADIGICS-ACA2786 Datasheet
507Kb / 3P
   1 GHz, 25 dB Gain CATV Power Doubler Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com