Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-11L10D24-I6T2G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-11L10D24-I6T2G
Description  SUPER-LOW OUTPUT LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-11L10D24-I6T2G Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-11L10D24-I6T2G Datasheet HTML 4Page - Seiko Instruments Inc S-11L10D24-I6T2G Datasheet HTML 5Page - Seiko Instruments Inc S-11L10D24-I6T2G Datasheet HTML 6Page - Seiko Instruments Inc S-11L10D24-I6T2G Datasheet HTML 7Page - Seiko Instruments Inc S-11L10D24-I6T2G Datasheet HTML 8Page - Seiko Instruments Inc S-11L10D24-I6T2G Datasheet HTML 9Page - Seiko Instruments Inc S-11L10D24-I6T2G Datasheet HTML 10Page - Seiko Instruments Inc S-11L10D24-I6T2G Datasheet HTML 11Page - Seiko Instruments Inc S-11L10D24-I6T2G Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
SUPER-LOW OUTPUT VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S-11L10 Series
Rev.1.0_00
Seiko Instruments Inc.
8
Electrical Characteristics
Table 7 (1 / 2)
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
0.8 V
≤ VOUT(S) < 1.5 V
VOUT(S)
− 0.015
VOUT(S)
VOUT(S)
+ 0.015
V
1
VIN = VOUT(S)
+ 1.0 V,
IOUT = 30 mA
1.5 V
≤ VOUT(S) ≤ 2.65 V
VOUT(S)
× 0.99
VOUT(S)
VOUT(S)
× 1.01
V
1
Output voltage
*1
VOUT(E)
VIN = 3.65 V,
IOUT = 30 mA
2.65 V < VOUT(S)
≤ 3.3 V
VOUT(S)
× 0.99
VOUT(S)
VOUT(S)
× 1.01
V
1
VIN
≥ VOUT(S) + 1.0 V
0.8 V
≤ VOUT(S) ≤ 2.65 V
150
*5
mA
3
Output current
*2
IOUT
VIN = 3.65 V
2.65 V < VOUT(S)
≤ 3.3 V
150
*5
mA
3
0.8 V
≤ VOUT(S) < 1.1 V
0.40
0.44
0.48
V
1
1.1 V
≤ VOUT(S) < 1.3 V
0.28
0.42
V
1
1.3 V
≤ VOUT(S) < 1.5 V
0.24
0.36
V
1
1.5 V
≤ VOUT(S) < 1.7 V
0.21
0.32
V
1
Dropout voltage
*3
Vdrop
IOUT = 100 mA
1.7 V
≤ VOUT(S) ≤ 3.3 V
0.19
0.29
V
1
VOUT(S)
+ 0.5 V ≤ VIN ≤ 3.65 V,
IOUT = 30 mA
0.8 V
≤ VOUT(S) < 2.9 V
0.05
0.2
%/V
1
Line regulation
∆VIN VOUT
∆VOUT1
3.4 V
≤ VIN ≤ 3.65 V,
IOUT = 30 mA
2.9 V
≤ VOUT(S) ≤ 3.3 V
0.05
0.2
%/V
1
VIN = VOUT(S)
+ 1.0 V,
10
µA ≤ IOUT ≤ 100 mA
0.8 V
≤ VOUT(S) ≤ 2.65 V
20
40
mV
1
Load regulation
∆VOUT2
VIN = 3.65 V,
10
µA ≤ IOUT ≤ 100 mA
2.65 V < VOUT(S)
≤ 3.3 V
20
40
mV
1
VIN = VOUT(S)
+ 1.0 V,
IOUT = 30 mA,
−40°C ≤ Ta ≤ +85°C
0.8 V
≤ VOUT(S) ≤ 2.65 V
±150
ppm/
°C1
Output voltage
temperature
coefficient
*4
∆Ta VOUT
∆VOUT
VIN = 3.65 V,
IOUT = 30 mA,
−40°C ≤ Ta ≤ +85°C
2.65 V < VOUT(S)
≤ 3.3 V
±150
ppm/
°C1
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = ON,
no load
0.8 V
≤ VOUT(S) ≤ 2.65 V
9
16
µA
2
Current
consumption
during operation
ISS1
VIN = 3.65 V,
ON / OFF pin = ON,
no load
2.65 V < VOUT(S)
≤ 3.3 V
9
16
µA
2
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = OFF,
no load
0.8 V
≤ VOUT(S) ≤ 2.65 V
0.1
0.9
µA
2
Current
consumption
during power-off
ISS2
VIN = 3.65 V,
ON / OFF pin = OFF,
no load
2.65 V < VOUT(S)
≤ 3.3 V
0.1
0.9
µA
2


Similar Part No. - S-11L10D24-I6T2G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-1110A ETC2-S-1110A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
S-1110AW ETC2-S-1110AW Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
logo
Seiko Instruments Inc
S-1111 SII-S-1111 Datasheet
290Kb / 25P
   HIGH RIPPLE-REJECTION LOW DROPOUT
logo
List of Unclassifed Man...
S-1111A ETC2-S-1111A Datasheet
191Kb / 7P
   ROTARY CODED SWITCHES
S-1111A ETC2-S-1111A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results

Similar Description - S-11L10D24-I6T2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S11L10 SII-S11L10 Datasheet
762Kb / 35P
   SUPER-LOW OUTPUT VOLTAGE LOW DROPOUT
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2841 NJRC-NJM2841 Datasheet
161Kb / 12P
   Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com