Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5734 Datasheet(PDF) 3 Page - Pomona Electronics

Part # 5734
Description  Universal Adapter Kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5734 Datasheet(HTML) 3 Page - Pomona Electronics

  5734 Datasheet HTML 1Page - Pomona Electronics 5734 Datasheet HTML 2Page - Pomona Electronics 5734 Datasheet HTML 3Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 5698 - Universal Adapter Kit
Model 5749 - Universal Adapter Cable
Sales: 800-490-2361
Fax: 425-446-5844
Technical Support: technicalsupport@pomonatest.com
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 101
D1094623, D1094540
Page 3 of 3
FEATURES:
Universal Adapter Cable used with
Pomona Universal Adapter Kits,
models 5698 and 5748.
MATERIALS:
Coupler Shell (each end):
Brass, Nickel
Plated
Coupler Conductor:
Phosphor Bronze, Gold
Plated
Strain Relief Boot:
PVC Black
Cable:
RG58C/U, O.D.: 0.195”
Frequency:
DC – 1.2GHz.
Impedance:
50 Ohms
RATINGS:
Operating Voltage: Hands free usage in controlled voltage environments: 500 Vrms maximum. For CE compliance: not
intended for hand-held use at voltages above 33 Vrms/70 Vdc.
Operating Temperature: +122°F (+50°C) Max.
ORDERING INFORMATION: Model 5749-Length
Length =: 24” (60,96cm), 36” (91,44cm), 48” (121,92cm), 60” (152.40cm) & 72” (182,88cm)
Order Example: 5749-48 (Cable ONLY, 48”)


Similar Part No. - 5734

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5734 POMONA-5734 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Aavid, Thermal Division...
573400 AAVID-573400 Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
logo
Festo Corporation.
573400 FESTO-573400 Datasheet
97Kb / 2P
   Air solenoid valve
logo
Aavid, Thermal Division...
573400D00000G AAVID-573400D00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
573400D00010 AAVID-573400D00010 Datasheet
92Kb / 2P
   For use with Surface Mount packages
More results

Similar Description - 5734

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
72931 POMONA-72931 Datasheet
421Kb / 2P
   SMA Adapter Kit
logo
Glenair, Inc.
630-031 GLENAIR-630-031 Datasheet
254Kb / 2P
   Universal Environmental Adapter
logo
Molex Electronics Ltd.
106154-0000 MOLEX-106154-0000 Datasheet
219Kb / 3P
   Universal Optical Adapter
11-21-9933 MOLEX11-11-21-9933 Datasheet
23Kb / 1P
   IDT - Manual - Adapter Kit
11-31-7559 MOLEX11-11-31-7559 Datasheet
28Kb / 1P
   IDT - Manual - Adapter Kit
0011200947 MOLEX11-0011200947 Datasheet
16Kb / 1P
   IDT - Manual - Adapter Kit
logo
Rosenberger Hochfrequen...
53QCK070-150 ROSENBERGER-53QCK070-150 Datasheet
557Kb / 2P
   Calibration Kit Adapter Version
logo
Molex Electronics Ltd.
0011313337 MOLEX11-0011313337 Datasheet
27Kb / 1P
   IDT - Manual - Adapter Kit
0011317559 MOLEX11-0011317559 Datasheet
22Kb / 1P
   IDT - Manual - Adapter Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com