Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA8132AN Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TA8132AN
Description  3V AM/FM IFMPX (FOR DIGITAL TUNING SYSTEM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8132AN Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA8132AN Datasheet HTML 5Page - Toshiba Semiconductor TA8132AN Datasheet HTML 6Page - Toshiba Semiconductor TA8132AN Datasheet HTML 7Page - Toshiba Semiconductor TA8132AN Datasheet HTML 8Page - Toshiba Semiconductor TA8132AN Datasheet HTML 9Page - Toshiba Semiconductor TA8132AN Datasheet HTML 10Page - Toshiba Semiconductor TA8132AN Datasheet HTML 11Page - Toshiba Semiconductor TA8132AN Datasheet HTML 12Page - Toshiba Semiconductor TA8132AN Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TA8132AN / AF , TA2012N / F
2002-10-30
9
5. AM local oscillator buffer output
· The output impedance of AM local oscillator buffer output pin (pin(4)) is 750Ω (typ.) (cf.P.3)
· It is possible to reduce the output level to add the resistance between the pin(4) and VCC line. The signal
waveform is the rectangular wave, and the level is 500mVp-p (fOSC = 1.45MHz, typ.)
· The higher local oscillation frequency (fOSC) to be, the lower buff output level to be owing to the load capacity.
So, in the case that it is connected to other circuits, take care of the input capacity of these circuits and stray
capacity of wire.
6. Tuning LED driver and stereo LED driver
· The tuning LED driver and stereo LED driver don't have current limit resistance
shown in the right figure. So, it is necessary to add the current limit resistance:
R10, R11.
· Set up the values of R10, R11 to keep the drive currents ID10, ID11 under 10mA.
7.FM detection circuit
For the FM detection circuit,detection coil is able to use instead of ceramic discriminator.
Recommended circuit and recommended coil are as follows.
In this case, please take care that Vin (lim.) falls a little.
Turns
Test
Frequency
Co
(pF)
Qo
1
-2
2
-3
1
-3
4
-6
Wire
(mm
f)
REF
10.7MHz
100
100
12
0.12 UEW
SUMIDA ELECTRIC CO., LTD
2153
-4095-189 or equivalent


Similar Part No. - TA8132AN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8132AN TOSHIBA-TA8132AN Datasheet
1Mb / 21P
   3V AM / FM IF MPX (For Digital Tuning System)
More results

Similar Description - TA8132AN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8132AN TOSHIBA-TA8132AN Datasheet
1Mb / 21P
   3V AM / FM IF MPX (For Digital Tuning System)
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
   3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
logo
KEC(Korea Electronics)
KIA2057N KEC-KIA2057N Datasheet
170Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AM/FM IF MPX FOR DIGITAL TUNING SYSTEM)
logo
Toshiba Semiconductor
TA2057N TOSHIBA-TA2057N Datasheet
602Kb / 18P
   AM/FM IFFM ST DET (FOR DIGITAL TUNING SYSTEM)
TA2099N TOSHIBA-TA2099N Datasheet
697Kb / 19P
   AM/FM IFFM STEREO DETECTOR (FOR DIGITAL TUNING SYSTEM)
logo
Silan Microelectronics ...
SA2111C SILAN-SA2111C Datasheet
339Kb / 9P
   3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
logo
Toshiba Semiconductor
TA8186P TOSHIBA-TA8186P Datasheet
274Kb / 8P
   AM/FM IFMPX
TA7757P TOSHIBA-TA7757P Datasheet
607Kb / 9P
   FM/AM IF SYSTEM (3V USE)
TA2029FN TOSHIBA-TA2029FN Datasheet
546Kb / 14P
   FM F/EAM/FM IFPW IC FOR DIGITAL TUNING SYSTEM
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com