Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5453 Datasheet(PDF) 4 Page - Pomona Electronics

Part # 5453
Description  PLCC Socket Breakouts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5453 Datasheet(HTML) 4 Page - Pomona Electronics

  5453 Datasheet HTML 1Page - Pomona Electronics 5453 Datasheet HTML 2Page - Pomona Electronics 5453 Datasheet HTML 3Page - Pomona Electronics 5453 Datasheet HTML 4Page - Pomona Electronics 5453 Datasheet HTML 5Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90333
(800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet\d5450-55_5878_PLCC_Breakouts_4_01.DOC
Page 4 of
5
Models 5450,5451,5452,5453,
5454, 5455 & 5878
PLCC Socket Breakouts
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060


Similar Part No. - 5453

ManufacturerPart #DatasheetDescription
logo
3M Electronics
5453 3M-5453 Datasheet
318Kb / 2P
   PTFE Glass Cloth Tape
logo
Knowles Electronics
5453 KNOWLES-5453 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
List of Unclassifed Man...
54530 ETC2-54530 Datasheet
300Kb / 1P
   Two-Way Splice Connectors - Standard Barrel 600V to 35KV
logo
PHOENIX CONTACT
5453059 PHOENIX-5453059 Datasheet
97Kb / 5P
   PCB terminal block - BC-508X10- 4 GN
09/09/2016
5453460 PHOENIX-5453460 Datasheet
94Kb / 3P
   PCB terminal block - BC-500X14-12 GN
04/25/2016
More results

Similar Description - 5453

ManufacturerPart #DatasheetDescription
logo
FCI connector
54020-44030LF FCI-CONNECTOR-54020-44030LF Datasheet
220Kb / 2P
   PLCC DIP Socket
69802 FCI-CONNECTOR-69802 Datasheet
453Kb / 5P
   PLCC SMT SOCKET
69802-132PT FCI-CONNECTOR-69802-132PT Datasheet
453Kb / 5P
   PLCC SMT Socket
logo
Kycon, Inc.
SMPX KYCON-SMPX Datasheet
1Mb / 1P
   Surface Mount PLCC Socket
logo
Assmann Electronics Inc...
A-CCSXX-Z-R ASSMANN-A-CCSXX-Z-R Datasheet
334Kb / 1P
   CHIP-CARRIER PLCC SOCKET
A-CCS20-G ASSMANN-A-CCS20-G Datasheet
320Kb / 1P
   Chip-Carrier PLCC socket
A-CCSXX-X ASSMANN-A-CCSXX-X Datasheet
175Kb / 1P
   PLCC SOCKET SOLDER TAIL
A-CCS28-G ASSMANN-A-CCS28-G Datasheet
320Kb / 1P
   Chip-Carrier PLCC socket
A-CCS84-G ASSMANN-A-CCS84-G Datasheet
320Kb / 1P
   Chip-Carrier PLCC socket
logo
Tyco Electronics
1-822473-4 MACOM-1-822473-4 Datasheet
141Kb / 1P
   SOCKET ASSEMBLY, PLCC, SOLDERTAIL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com