Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3598 Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-3598
Description  Octal ARINC 429 Receivers with Label Recognition and SPI Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3598 Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-3598 Datasheet HTML 4Page - Holt Integrated Circuits HI-3598 Datasheet HTML 5Page - Holt Integrated Circuits HI-3598 Datasheet HTML 6Page - Holt Integrated Circuits HI-3598 Datasheet HTML 7Page - Holt Integrated Circuits HI-3598 Datasheet HTML 8Page - Holt Integrated Circuits HI-3598 Datasheet HTML 9Page - Holt Integrated Circuits HI-3598 Datasheet HTML 10Page - Holt Integrated Circuits HI-3598 Datasheet HTML 11Page - Holt Integrated Circuits HI-3598 Datasheet HTML 12Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HI-3596, HI-3597, HI-3598, HI-3599
HOLT INTEGRATED CIRCUITS
8
3. To validate the receive data bit rate, each bit must
follow its preceding bit by not less than 8 samples
and not more than 12 samples. With exactly 1MHz
input clock frequency, the acceptable data bit rates
are shown in Table 8.
Table 8. Acceptable Data Bit Rates at 1MHz Input
Clock Frequency
HIGH SPEED LOW SPEED
Data Bit Rate Min
83Kbps
10.4Kbps
Data Bit Rate Max
125Kbps
15.6Kbps
4. Following the last data bit of a valid reception, the
Word Gap timer samples the Null shift register every
10 input clocks (every 80 clocks for low speed). If
a Null is present, the Word Gap counter is incre-
mented. A Word Gap count of 3 enables the next
reception.
Receiver Parity
If enabled by setting Control Register CR4 bit to “1”, the
receiver parity circuit counts Ones received, including
the parity bit. If the result is odd, then a “0” appears in
the 32nd bit.
Setting Control Register CR4 bit to “0” disables parity
checking and all 32 bits are treated as data.
Retrieving Data
Once 32 valid bits are recognized, the receiver logic
generates an End of Sequence (EOS). Depending on
the state of Control Register bits CR2, CR6, CR7 and
CR8, the received 32-bit ARINC word is then checked
for correct decoding and label match before it is loaded
into the 4 x 32 Receive FIFO. ARINC words that do not
match required 9th and 10th ARINC bit and do not have
a label match are ignored and are not loaded into the
Receive FIFO. Table 9 describes this operation.
Table 9. FIFO Loading Control
CR2
ARINC word
matches
Enabled
label
CR6
ARINC word
bits 10, 9
match CR7, 8
FIFO
0
X
0
X
Load FIFO
1
No
0
X
Ignore Data
1
Yes
0
X
Load FIFO
0
X
1
No
Ignore Data
0
X
1
Yes
Load FIFO
1
Yes
1
No
Ignore Data
1
No
1
Yes
Ignore Data
1
No
1
No
Ignore Data
1
Yes
1
Yes
Load FIFO
Once a valid ARINC word is loaded into the FIFO, the
EOS signal clocks the Data Ready flip-flop to a “1”,
and the corresponding channel’s Status Register FIFO
Empty bit (SR0- SR7) goes to a “0”. The channel’s
Empty bit remains low until the corresponding Receive
FIFO is empty. Each received ARINC word is retrieved
via the SPI interface using SPI instruction n3 hex where
“n” is the channel number 1-8 hex.
Up to 4 ARINC words may be held in each channel’s
Receive FIFO. The Status Register FIFO Full bit (SR8
- SR15) goes high when the corresponding channel’s
Receive FIFO is full. Failure to offload a full Receive
FIFO causes additional received valid ARINC words to
overwrite the last received word.
Label Recognition
The user loads the 16 byte label look-up table to spec-
ify which 8-bit incoming ARINC labels are captured by
the receiver, and which are discarded. If fewer than 16
labels are required, spare label memory locations must
be filled with duplicate copies of any valid label. After the
look-up table is initialized, set channel Control Register
bit CR2 to enable label recognition for that channel.
If label recognition is enabled, the receiver compares
the label in each new ARINC word against the channel’s
stored label look-up table. If a label match is found, the
received word is processed. If no match occurs, the new
ARINC word is discarded and no indicators of received
ARINC data are presented. Note that 00 hex is treated
in the same way as any other label value. Label memory
bit significance is not changed by the status of Control
Register bit CR9. The most significant label bit is always


Similar Part No. - HI-3598

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3598 HOLTIC-HI-3598 Datasheet
1Mb / 18P
   Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
HI-3598PCI HOLTIC-HI-3598PCI Datasheet
1Mb / 18P
   Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
HI-3598PCIF HOLTIC-HI-3598PCIF Datasheet
1Mb / 18P
   Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
HI-3598PCT HOLTIC-HI-3598PCT Datasheet
1Mb / 18P
   Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
HI-3598PCTF HOLTIC-HI-3598PCTF Datasheet
1Mb / 18P
   Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
More results

Similar Description - HI-3598

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3598 HOLTIC-HI-3598_12 Datasheet
1Mb / 18P
   Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-8444 HOLTIC-HI-8444_06 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444_10 Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444 Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com