Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3597 Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-3597
Description  Octal ARINC 429 Receivers with Label Recognition and SPI Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3597 Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-3597 Datasheet HTML 1Page - Holt Integrated Circuits HI-3597 Datasheet HTML 2Page - Holt Integrated Circuits HI-3597 Datasheet HTML 3Page - Holt Integrated Circuits HI-3597 Datasheet HTML 4Page - Holt Integrated Circuits HI-3597 Datasheet HTML 5Page - Holt Integrated Circuits HI-3597 Datasheet HTML 6Page - Holt Integrated Circuits HI-3597 Datasheet HTML 7Page - Holt Integrated Circuits HI-3597 Datasheet HTML 8Page - Holt Integrated Circuits HI-3597 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
HI-3596, HI-3597, HI-3598, HI-3599
HOLT INTEGRATED CIRCUITS
3
PIN DESCRIPTIONS
Table 1. Pin Descriptions
Pin
Function Description
3596 3597 3598 3599
VDD
POWER
3.3V or 5.0V power supply
XXXX
GND
POWER
Chip 0V supply
XXXX
CS
INPUT
Chip select. Data is shifted into SI and out of SO when
CS is low
XXXX
SCK
INPUT
SPI Clock. Data is shifted into or out of the SPI interface
using SCK
XXXX
SI
INPUT
SPI interface serial data input
XXXX
SO
OUTPUT SPI interface serial data output
XXXX
ACLK
INPUT
Master 1 MHz timing reference for the ARINC 429
receiver and transmitter
XXXX
RIN1A* - RIN8A
ARINC
INPUT
ARINC receiver positive input. Direct connection to
ARINC 429 bus
Std
Std
X
Std
RIN1B* - RIN8B
ARINC
INPUT
ARINC receiver negative input. Direct connection to
ARINC 429 bus
Std
Std
X
Std
RIN1A-40* - RIN8A-40
ARINC
INPUT
Alternate ARINC receiver positive input. Requires
external 40KΩ resistor
-40
-40
X
-40
RIN1B-40* - RIN8B-40
ARINC
INPUT
Alternate ARINC receiver negative input. Requires
external 40KΩ resistor
-40
-40
X
-40
FLAG1 - FLAG8
OUTPUT
Goes high when ARINC 429 receiver FIFO is not empty
(CR1=0), or full (CR1=1)
X-X-
FLAG
OUTPUT Logical OR of FLAG1 through FLAG8
XXXX
TX1
OUTPUT ARINC 429 test word ONE state serial output pin
X
X
X
-
TX0
OUTPUT ARINC 429 test word ZERO state serial output pin
X
X
X
-
MR
INPUT
Hardware active high Master Reset. Clears all
receivers and FIFOs. Does not affect Control Register
contents.
X-X-
* NOTE: RIN1A & RIN1B are not available on HI-3597


Similar Part No. - HI-3597

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3597 HOLTIC-HI-3597 Datasheet
1Mb / 18P
   Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
HI-3597PCI HOLTIC-HI-3597PCI Datasheet
1Mb / 18P
   Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
HI-3597PCI-40 HOLTIC-HI-3597PCI-40 Datasheet
1Mb / 18P
   Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
HI-3597PCIF HOLTIC-HI-3597PCIF Datasheet
1Mb / 18P
   Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
HI-3597PCIF-40 HOLTIC-HI-3597PCIF-40 Datasheet
1Mb / 18P
   Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
More results

Similar Description - HI-3597

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3598 HOLTIC-HI-3598_12 Datasheet
1Mb / 18P
   Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-8444 HOLTIC-HI-8444_06 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444_10 Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444 Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com