Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3587PQIF Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-3587PQIF
Description  ARINC 429 Transmitter with SPI Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3587PQIF Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-3587PQIF Datasheet HTML 1Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 2Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 3Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 4Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 5Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 6Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 7Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 8Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FUNCTIONAL DESCRIPTION (cont.)
HI-3587
TRANSMITTER
FIFO OPERATION
The Transmit FIFO is loaded with ARINC 429 words awaiting
transmission. SPI op code 0E hex writes up to 32 ARINC words into
the FIFO, starting at the next available FIFO location.
If Status
Register bit SR3 equals “1” (FIFO empty), then up to 32 words
(32 bits each) may be loaded.
If Status Register bit SR3 equals “0”
then only the available positions may be loaded. If all 32 positions
are full, Status Register bit SR5 is asserted. Further attempts to load
the Transmit FIFO are ignored until at least one ARINC word is
transmitted.
The Transmit FIFO half-full flag (Status Register bit SR4) equals “0”
when the Transmit FIFO contains less than 16 words. When SR4
equals “0”, the system microprocessor can safely initiate a 16-word
ARINC block-write sequence.
In normal operation (Control Register bit CR3 = ”1”), the 32nd bit
transmitted is a word parity bit. Odd or even parity is selected by
programming Control Register bit CR9 to a “0” or “1” respectively. If
Control Register bit CR3 equals “0”, all 32 bits loaded into the
Transmit FIFO are treated as data and are transmitted.
SPI op code 11 hex asynchronously clears all data in the Transmit
FIFO.
If Control Register bit CR13 equals “1”, ARINC 429 data is
transmitted immediately following the
rising edge of the SPI
instruction that loaded data into the Transmit FIFO. Loading
Control Register bit CR13 to “0” allows the software to control
transmission timing; each time a 12 hex SPI op code is executed,
all loaded Transmit FIFO words are transmitted. If new words are
loaded into the Transmit FIFO before transmission stops, the new
words will also be output. Once the Transmit FIFO is empty and
transmission of the last word is complete, the FIFO can be loaded
with new data which is held until the next SPI 12 hex instruction is
executed. Once transmission is enabled, the FIFO positions are
incremented with the top register loading into the data transmission
shift register. Within 2.5 data clocks the first data bit appears at
AOUT and BOUT. The 31 or 32 bits in the data transmission shift
register are presented sequentially to the outputs in the ARINC 429
format with the following timing:
DATA TRANSMISSION
CS
FIGURE 1.
TRANSMITTER BLOCK DIAGRAM
DATA
CLOCK
CR10, CR1
PARITY
GENERATOR
DATA AND
NULL TIMER
SEQUENCER
LINE DRIVER
BIT
AND
WORD GAP
COUNTER
START
SEQUENCE
WORD COUNTER
AND
FIFO CONTROL
INCREMENT
WORD COUNT
DATA CLOCK
DIVIDER
FIFO
LOADING
SEQUENCER
AOUT
BOUT
32 x 32 FIFO
32 BIT PARALLEL
LOAD SHIFT REGISTER
BIT CLOCK
WORD CLOCK
ADDRESS
LOAD
SR3
SR4
SR5
SPI INTERFACE
SCK
CS
SI
SO
SPI COMMANDS
SPI COMMANDS
CR3, CR9
ACLK
CR12
ARINC 429 DATA FORMAT
Control Register bit CR11 controls how individual bits in the
transmitted ARINC word are mapped to the HI-3587 SPI data word
bits during data read or write operations.
The following table
describes this mapping:
Table 2. SPI / ARINC bit-mapping
SPI
1
2 - 22
23242526272829303132
Order
. ARINC bit 32
31 - 11
10
912345678
CR11=0
Data
ARINC bit 32
31 - 11
10
987654321
CR11=1
Data
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-3587PQIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3582 HOLTIC-HI-3582 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3582 HOLTIC-HI-3582 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3582ACJIF HOLTIC-HI-3582ACJIF Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3582ACJIF-15 HOLTIC-HI-3582ACJIF-15 Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
More results

Similar Description - HI-3587PQIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3593 HOLTIC-HI-3593 Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-3584A HOLTIC-HI-3584A Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3598 HOLTIC-HI-3598_12 Datasheet
1Mb / 18P
   Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com