Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3585PCT Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-3585PCT
Description  ARINC 429 May 2009 Terminal IC with SPI Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3585PCT Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-3585PCT Datasheet HTML 1Page - Holt Integrated Circuits HI-3585PCT Datasheet HTML 2Page - Holt Integrated Circuits HI-3585PCT Datasheet HTML 3Page - Holt Integrated Circuits HI-3585PCT Datasheet HTML 4Page - Holt Integrated Circuits HI-3585PCT Datasheet HTML 5Page - Holt Integrated Circuits HI-3585PCT Datasheet HTML 6Page - Holt Integrated Circuits HI-3585PCT Datasheet HTML 7Page - Holt Integrated Circuits HI-3585PCT Datasheet HTML 8Page - Holt Integrated Circuits HI-3585PCT Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CONTROL WORD REGISTER
The HI-3585 contains a 16-bit Control Register which is used to
configure the device. Control Register bits CR15 - CR0 are loaded
from a 16-bit data value appended to SPI instruction 10 hex. The
Control Register contents may be read using SPI instruction 0B
hex. Each bit of the Control Register has the following function:
STATUS REGISTER
The HI-3585 contains an 8-bit Status Register which can be
interrogated to determine the status of the ARINC receiver, data
FIFOs and transmitter. The contents of the Status Register are
output using SPI instruction 0A hex. Unused bits are output as
Zeros. The following table defines the Status Register bits.
SR
Bit
FUNCTION
STATE
DESCRIPTION
SR0
Receive FIFO
0
1
Receiver FIFO is empty
Receiver FIFO contains valid data
(LSB)
Empty
Sets to One when all data has
been read. RFLAG pin reflects the
state of this bit when CR15=0
SR1
Receive FIFO
0
Receiver FIFO holds less than 16
Half Full
words
1
Receiver FIFO holds at least 16
words
SR2
Receive FIFO
0
Receiver FIFO not full. RFLAG pin
Full
reflects the state of this bit when
CR15=1
1
Receiver FIFO full. To avoid data
loss, the FIFO must be read within
one ARINC word period
SR3
Transmit FIFO
0
Transmit FIFO not empty.
Empty
Sets to One when all data has
been sent. TFLAG pin reflects the
state of this bit when CR14=0
1
Transmit FIFO is empty.
SR4
Transmit FIFO
0
Transmit FIFO contains less than 16
Half Full
words
1
Transmit FIFO contains at least 16
words
SR5
Transmit FIFO
0
Transmit FIFO not full. TFLAG pin
Full
reflects the state of this bit when
CR14=1
1
Transmit FIFO full.
SR6
Not used
0
Always “0”
SR7
Not used
0
Always “0”
(MSB)
CR
Bit
FUNCTION STATE
DESCRIPTION
Cr0
Receiver
0
Data rate = CLK/10
1
Data rate = CLK/80
(ARINC 429 High-Speed)
(LSB)
Data Rate
Select
(ARINC 429 Low-Speed)
CR1
ARINC Clock
0
ARINC CLK = ACLK input frequency
Source Select
1
ARINC CLK = ACLK divided by the value
programmed with SPI Instruction 07 hex
CR2
Enable Label
0
Label recognition disabled
Recognition
1
Label recognition enabled
CR3
Transmitter
0
Transmitter 32nd bit is data
Parity Bit
Enable
1
Transmitter 32nd bit is parity
CR4
Receiver
0
Receiver parity check disabled
Parity Check
Enable
1
Receiver odd parity check enabled
CR5
Self Test
0
The transmitter’s digital outputs are internally
connected to the receiver logic inputs
1
Normal operation
CR6
Receiver
0
Receiver decoder disabled
Decoder
1
ARINC bits 10 and 9 must match CR7 and CR8
CR7
-
-
If receiver decoder is enabled,
the ARINC bit 10 must match this bit
CR8
-
-
If receiver decoder is enabled,
the ARINC bit 9 must match this bit
CR9
Transmitter
0
Transmitter 32nd bit is Odd parity
Parity
Select
1
Transmitter 32nd bit is Even parity
CR10
Transmitter
0
Data rate = CLK/10, O/P slope = 1.5us
Data Rate
1
Data rate = CLK/80, O/P slope = 10us
CR11
ARINC Label
0
Label bit order reversed (See Table 2)
Bit Order
1
Label bit order same as transmitted /
received (See Table 2)
CR12
Disable
0
Line Driver enabled
Line Driver
1
Line Driver disabled (force outputs to Null state)
CR13
Transmission
0
Start transmission by SPI
Enable Mode
instruction12 hex
1
Transmit whenever data is available
in the Transmit FIFO
CR14
TFLAG
0
TFLAG goes high when transmit FIFO is empty
Definition
1
TFLAG goes high when transmit FIFO is full
CR15
RFLAG
0
RFLAG goes high when receive FIFO is empty
(MSB)
Definition
1
RFLAG goes high when receive FIFO is full
FUNCTIONAL DESCRIPTION
HI-3585
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-3585PCT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3585PCT HOLTIC-HI-3585PCT Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3585PCTF HOLTIC-HI-3585PCTF Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
More results

Similar Description - HI-3585PCT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3582 HOLTIC-HI-3582_13 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582 HOLTIC-HI-3582 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com