Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS806C Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # BS806C
Description  Touch Key
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BS806C Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button BS806C Datasheet HTML 5Page - Holtek Semiconductor Inc BS806C Datasheet HTML 6Page - Holtek Semiconductor Inc BS806C Datasheet HTML 7Page - Holtek Semiconductor Inc BS806C Datasheet HTML 8Page - Holtek Semiconductor Inc BS806C Datasheet HTML 9Page - Holtek Semiconductor Inc BS806C Datasheet HTML 10Page - Holtek Semiconductor Inc BS806C Datasheet HTML 11Page - Holtek Semiconductor Inc BS806C Datasheet HTML 12Page - Holtek Semiconductor Inc BS806C Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Application Circuit
Note:
If the output is connected to an MCU input with an internal pull high resistor then the pull high resistor on the ap-
plication circuit is not required.
BS801C/02C/04C/06C/08C
Rev. 1.00
9
December 2, 2009
Key0
Cref
VSS
Touch
Key0
0pF~
10pF
VDD
LHF
Kout0
VDD
0.1uF
R
BS802C
Key1
Touch
Key1
Kout1
VDD
VDD
R
Cs
Key
Cref
VSS
Touch
Key
0pF~
10pF
VDD
LHF
Kout
VDD
0.1uF
BS801C
VDD
R
Cs
Key0
Cref
VSS
Touch
Key0
0pF~
10pF
VDD
LHF
Kout0
VDD
0.1uF
BS804C
Key3
Touch
Key3
Kout3
.
.
.
.
.
.
.
.
.
SCD
INTB or
Port
MCU
OKW
VDD
VDD
R
R
Cs


Similar Part No. - BS806C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS806B HOLTEK-BS806B Datasheet
167Kb / 21P
   Touch Key
More results

Similar Description - BS806C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS801B HOLTEK-BS801B Datasheet
167Kb / 21P
   Touch Key
logo
Avia Semiconductor Co.,...
HX610 AVIA-HX610 Datasheet
56Kb / 1P
   6-Key Capacitive Touch Key Controller
logo
Holtek Semiconductor In...
HT7700 HOLTEK-HT7700 Datasheet
219Kb / 6P
   Key & Touch Linear Dimmer
logo
Shanghai awinic technol...
AW9203 AWINIC-AW9203 Datasheet
1Mb / 30P
   3-Key Capacitive Touch Controller
logo
Generalplus Technology ...
GPM8F377A GENERALPLUS-GPM8F377A Datasheet
376Kb / 16P
   Capacitive Touch M-KEY Sensor
logo
Shenzhen Huazhimei Semi...
HM226 HMSEMI-HM226 Datasheet
430Kb / 5P
   6-key touch detection IC
logo
List of Unclassifed Man...
NT1160 ETC2-NT1160 Datasheet
714Kb / 22P
   The Nuvoton touch key series
logo
STMicroelectronics
STMPE1208S STMICROELECTRONICS-STMPE1208S Datasheet
156Kb / 12P
   12 channel touch key controller
logo
Holtek Semiconductor In...
BS83B04C HOLTEK-BS83B04C Datasheet
6Mb / 123P
   4 Key Touch Flash MCU
logo
Tontek Design Technolog...
TTP224N-BSB TONTEK-TTP224N-BSB Datasheet
281Kb / 9P
   4 KEY TOUCH PAD DETECTOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com