Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-89713B-K8T2U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-89713B-K8T2U
Description  MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89713B-K8T2U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-89713B-K8T2U Datasheet HTML 1Page - Seiko Instruments Inc S-89713B-K8T2U Datasheet HTML 2Page - Seiko Instruments Inc S-89713B-K8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-89713B-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-89713B-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-89713B-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-89713B-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-89713B-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-89713B-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
Rev.1.0_00
S-89713B Series
Seiko Instruments Inc.
5
Absolute Maximum Ratings
Table 4
(Ta =
+25°C unless otherwise specified)
Parameter
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VDD
VSS
−0.3 to VSS+6.0
V
Input voltage
VIN(+),VIN(−)
VSS
−0.3 to VDD+0.3
V
Output voltage
VOUT
VSS
−0.3 to VDD+0.3
V
Differential input voltage
VIND
±5.5
V
ISOURCE
10.0
mA
Output pin current
ISINK
10.0
mA
SNT-8A
450
*1
mW
Power dissipation
TMSOP-8
PD
650
*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
°C
*1.
When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
Ambient Temperature (Ta) [
°C]
700
600
500
400
300
200
100
0
TMSOP-8
SNT-8A
Figure 4 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-89713B-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89713B-K8T2U SII-S-89713B-K8T2U Datasheet
1Mb / 24P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - S-89713B-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S89713 SII-S89713 Datasheet
1Mb / 24P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Rohm
LMR1802G-LB ROHM-LMR1802G-LB Datasheet
1Mb / 23P
   Low Noise, Low Input Offset Voltage CMOS Operational Amplifier
LMR1803YG-C ROHM-LMR1803YG-C Datasheet
1Mb / 22P
   Automotive Low Noise Low Input Offset Voltage Precision CMOS Operational Amplifier
27.Apr.2022 Rev.001
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89110 SII-S89110 Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89130 SII-S89130 Datasheet
1Mb / 26P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7071 NJRC-NJU7071 Datasheet
82Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7071 NJRC-NJU7071_03 Datasheet
103Kb / 3P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER
NJU7051 NJRC-NJU7051 Datasheet
164Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com