Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C256TRPDB-15 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 27C256TRPDB-15
Description  256K (32K x 8-Bit) OTP EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

27C256TRPDB-15 Datasheet(HTML) 2 Page - Maxwell Technologies

  27C256TRPDB-15 Datasheet HTML 1Page - Maxwell Technologies 27C256TRPDB-15 Datasheet HTML 2Page - Maxwell Technologies 27C256TRPDB-15 Datasheet HTML 3Page - Maxwell Technologies 27C256TRPDB-15 Datasheet HTML 4Page - Maxwell Technologies 27C256TRPDB-15 Datasheet HTML 5Page - Maxwell Technologies 27C256TRPDB-15 Datasheet HTML 6Page - Maxwell Technologies 27C256TRPDB-15 Datasheet HTML 7Page - Maxwell Technologies 27C256TRPDB-15 Datasheet HTML 8Page - Maxwell Technologies 27C256TRPDB-15 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
256K (32K x 8-Bit) OTP EPROM
27C256T
06.24.03 REV 4
TABLE 1. 27C256T PINOUT DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1V
PP
Programming Voltage
2, 3, 30
NC
Not connected
12-5, 27, 26, 23,
25, 4, 28, 29
A0-A14
Address Enable
22
CE
Chip Enable
24
OE
Output Enable
13-15, 17-21
I/O0 - I/O7
Data Input/Output
16
GND
Ground
31
PGM
Program
32
V
CC
+5V Power Supply
TABLE 2. 27C256T ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage 1
1. Relative to V
SS.
V
CC
-0.6
+7.0
V
Programming Voltage 1
V
PP
-0.6
+13.5
V
All Input and Output Voltage 1,2
2. V
IN, VOUT, and VID min = -1.0V for pulse width < 20 ns.
V
IN, VOUT
-0.6
+7.0
V
A9 and OE Voltage
V
ID
-0.6
13.0
V
Thermal Resistance
T
JC
1.26
°C/W
Operating Temperature Range
T
OPR
-55
+125
°C
Storage Temperature Range
T
STG
-65
+125
°C
TABLE 3. DELTA LIMITS
PARAMETER
VARIATION
I
CC1
±10%
I
CC2
±10%
I
CC3A
±10%
I
CC3B
±10%


Similar Part No. - 27C256TRPDB-15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Intel Corporation
27C256 INTEL-27C256 Datasheet
1Mb / 10P
   64K(8K x 8) UV ERASABLE PROMs
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Macronix International
27C256-10 MCNIX-27C256-10 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
More results

Similar Description - 27C256TRPDB-15

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
logo
Hitachi Semiconductor
HN27C256A HITACHI-HN27C256A Datasheet
416Kb / 10P
   256K(32K x 8-bit) UV and OTP EPROM
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
STMicroelectronics
M87C257 STMICROELECTRONICS-M87C257 Datasheet
143Kb / 13P
   ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com