Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C256T Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 27C256T
Description  256K (32K x 8-Bit) OTP EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

27C256T Datasheet(HTML) 1 Page - Maxwell Technologies

  27C256T Datasheet HTML 1Page - Maxwell Technologies 27C256T Datasheet HTML 2Page - Maxwell Technologies 27C256T Datasheet HTML 3Page - Maxwell Technologies 27C256T Datasheet HTML 4Page - Maxwell Technologies 27C256T Datasheet HTML 5Page - Maxwell Technologies 27C256T Datasheet HTML 6Page - Maxwell Technologies 27C256T Datasheet HTML 7Page - Maxwell Technologies 27C256T Datasheet HTML 8Page - Maxwell Technologies 27C256T Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
256K (32K x 8-Bit) OTP EPROM
27C256T
©2003 Maxwell Technologies
All rights reserved.
06.24.02 REV 4
FEATURES:
• 32K x 8-bit OTP EPROM organization
•RAD-PAK® radiation-hardened against natural space
radiation
• Total dose hardness:
- > 100 Krad (Si), depending upon space mission
• Excellent Single Event Effects:
-SEL
TH > 80 MeV/mg/cm2
-SEU
TH > 80 Mev/mg/cm2
• Package:
-32 pin RAD-PAK® flat pack
-32 pin RAD-PAK® DIP
• Fast access time:
- 120, 150, 200 ns (max)
• Low power dissipation:
- Active mode: 100 mW/MHz (typ)
- Standby mode: 10 µ W (typ)
Page programming time: 14 sec (typ)
• Programming power supply:
- V
PP = 12.5 V
• One-time programmable
• Pin arrangement
- JEDEC standard byte-wide EPROM
- Flash memory and mask ROM compatible
DESCRIPTION:
Maxwell Technologies’ 27C256T high density 256-Kilobit one-
time programmable electrically programmable read only mem-
ory microcircuit features a greater than 100 krad (Si) total
dose tolerance, depending upon space mission. The 27C256T
features fast address times and low power dissipation. The
27C256T offers high speed programming using page pro-
gramming mode.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK® provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up to Class S.
x-Decoder
1024 x 1022
Memory Matrix
Input
Data
Control
Y- Gating
Y - Decoder
H
A0-A4
A10-A11
OE
PGM
A5-A9
V
CC
V
PP
V
SS
A12-A16
I/O0
I/O15
H
CE
: High Threshhold Inverter
Logic Diagram
27C256T
NC
I/O 7
A12-A14


Similar Part No. - 27C256T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Intel Corporation
27C256 INTEL-27C256 Datasheet
1Mb / 10P
   64K(8K x 8) UV ERASABLE PROMs
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Macronix International
27C256-10 MCNIX-27C256-10 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
More results

Similar Description - 27C256T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
logo
Hitachi Semiconductor
HN27C256A HITACHI-HN27C256A Datasheet
416Kb / 10P
   256K(32K x 8-bit) UV and OTP EPROM
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
STMicroelectronics
M87C257 STMICROELECTRONICS-M87C257 Datasheet
143Kb / 13P
   ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com