Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD2C101 Datasheet(PDF) 3 Page - Solid State Optronic

Part # AD2C101
Description  Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD2C101 Datasheet(HTML) 3 Page - Solid State Optronic

  AD2C101 Datasheet HTML 1Page - Solid State Optronic AD2C101 Datasheet HTML 2Page - Solid State Optronic AD2C101 Datasheet HTML 3Page - Solid State Optronic AD2C101 Datasheet HTML 4Page - Solid State Optronic AD2C101 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AD2C101
1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
0.04 0.04 0.04 0.04 0.05 0.05 0.05 0.05
Turn-Off Tim e (ms)
AD2C101
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
27
28
29
30
31
32
33
34
On-Resistance (ohms)
AD2C101
0
10
20
30
40
50
0.04 0.04 0.04 0.05 0.05 0.05 0.05 0.06
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD2C101
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
600 610 620 630 640 650 660 670
Blocking Voltage (V)
AD2C101
0
20
40
60
80
100
120
Temperature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD2C101
Maximum Load Current vs. Temperature
0
10
20
30
40
50
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
Turn-On Tim e (ms)
AD2C101
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
www.ssousa.com • +1.408.293.4600
Page 3 of 5
AD2C101
rev 1.42 (5/15/2008)
© 2008 Solid State Optronics • San José, CA


Similar Part No. - AD2C101

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
   High Blocking Voltage (600V)
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
   1 Form A Solid State Relay
More results

Similar Description - AD2C101

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com