Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP3-1003EP Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # RP3-1003EP
Description  RP Ultra Stable Thin Film Resistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RP3-1003EP Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  RP3-1003EP Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Accurate Components, Inc.
RP Ultra Stable Thin Film Resistor
The content of this specification may change without notification 08/17/06
188 Technology Drive, Unit H, Irvine, CA 928618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
HOW TO ORDER
RP
2-
1003
T
R
TCR (PPM/
°C)
P = +1.0
R = +5
Q = +2.5
S = +10
Resistance Tolerance
T = +.01
A = +.05
E = +.025
B = +.10
Resistance Value
3 significant fig. & 1 multiplier
Size
2 = 5.00 x 6.5mm
3 = 7.62 x 6.5 mm
Series
RESISTANCE RANGE
Type
TCR/ppmºC
Resistance
Tolerance %
±10
10.0 – 50.0
+0.10
RP2
±1, ±2.5, ±5, ±10
50.0 – 100K
+0.01, +0.05, +0.25, +0.10
±10
10.0 – 50.0
+0.10
±1, ±2.5, ±5, ±10
50.0 – 200K
+0.01, +0.05, +0.25, +0.10
RP3
±5, ±10
200K – 1.0M
+0.05, +0.10
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATION
Material
Passivated Nichrome
CONDITIONS
Absolute TCR
± 1.0ppm/ºC to ±10 ppm/ºC
0ºC to +70ºC
Tolerance Absolute
± 0.01% to 0.10%
RP2
125mW
@ +70ºC
Power Rating
RP3
250mW
@ +70ºC
RP2
112 volts
Working Voltage
(Max)
RP3
250 volts
RP2
250 volts
Overload
Voltage (Max)
RP3
500 volts
Operating Temp. Range
-55ºC to +150ºC
FEATURES
Ultra Stable Thin Film Resistor
Working temperature -50
°C to +150°C
Excellent to performance of absolute
tolerance as .01% and absolute TCR at 1ppm
Applicable Specifications: EIA575,
CECC 40300, and MIL-R-55182E
MECHANICAL SPECIFICATIONS
Resistive Material
Nichrome
Substrate Material
Alumina
Terminals
SnPb on Cu Alloy
Protection
Epoxy Coating
MARKING
1003 =
E =
Q =
Resistance Value (
Ω)
Tolerance of
±0.025
TCR of
±2.5
SCHEMATIC
DIMENSIONS (mm)
Style
L
H
I
P
W
D
F
RP2
5.00 Max
6.50 Max
3.0
± 0.5
2.54
± 0.2
2.5 Max
0.25+0.15-0.5
0.50+0.15-0.5
RP3
7.62 Max
6.50 Max
3.0
± 0.5
5.08
± 0.2
2.5 Max
0.25+0.15-0.5
0.50+0.15-0.05
PERFORMANCE
REQUIREMENTS
TEST
CECC 40300
MIL-R-55182E
Drifts Max.
CONDITIONS
Overload
± 0.01%
± 0.05%
0.01%
2.5Un/5sec; U Max. <2Un
Temperature Cycling
± 0.01%
± 0.05%
0.01%
-55ºC to +155ºC for 5 cycles CEI 68-2-14
Terminal Strength
± 0.01%
± 0.02%
0.01%
CEI 68-2-21
Test Ua (Pulling), Ub (Bending), Uc (Twisting)
Resistance to Solder Heat
± 0.01%
± 0.02%
± 0.01%
+260ºC/10 sec
Vibration
± 0.01%
± 0.02%
0.01%
10Hz to 500Hz
10g 6hrs. Met B4; CEI 68-2-6 Test Fc
Climatic Sequence
± 0.05%
Insulation Resistance > 10
2M
--
0.05%
-55ºC/+155ºC for 6 cycles 95% RH RH85mbar
CEI68-2-61
Moisture
± 0.05%
Insulation Resistance > 10
2M
--
0.02%
56 Days 95% RH +40ºC; CEI 68-2-3
Load Life
± 0.05%
± 0.05%
0.05%
1000 hrs. Pn at 70ºC 90’/30’
High Temp. Storage
± 0.05%
--
0.05%
1000 hrs./+155ºC; CEI 68-2; Test B


Similar Part No. - RP3-1003EP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP3.6A2 RECOM-RP3.6A2 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP3.6A2 RECOM-RP3.6A2 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP3.6A2X1 RECOM-RP3.6A2X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP3.75D2 RECOM-RP3.75D2 Datasheet
66Kb / 2P
   High Voltage Input Series
RP3.75D2 RECOM-RP3.75D2 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
More results

Similar Description - RP3-1003EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MIF VISHAY-MIF Datasheet
84Kb / 3P
   Thin Film Microwave Resistor
Revision: 02-May-13
logo
California Micro Device...
110R CALMIRCO-110R Datasheet
393Kb / 1P
   THIN FILM RESISTOR SERIES
logo
Vishay Siliconix
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
   Thin Film Microwave Resistor
Revision: 02-May-13
logo
California Micro Device...
XRN772 CALMIRCO-XRN772 Datasheet
37Kb / 1P
   Thin Film Resistor Series
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
   Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
   Thin Film Chip Resistor
logo
Vishay Siliconix
MID VISHAY-MID Datasheet
94Kb / 3P
   Thin Film Microwave Resistor
Revision: 18-Apr-13
MIC VISHAY-MIC Datasheet
108Kb / 3P
   Thin Film Microwave Resistor
Revision: 14-Mar-08
logo
List of Unclassifed Man...
RG1005 ETC2-RG1005_1 Datasheet
1Mb / 3P
   THIN FILM CHIP RESISTOR
logo
Vishay Siliconix
TRA06E VISHAY-TRA06E Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com