Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBKG-7-C14-11 Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # JXWBKG-7-C14-11
Description  Reflective Switches 0.02 to 18GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBKG-7-C14-11 Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  JXWBKG-7-C14-11 Datasheet HTML 1Page - American Accurate Components, Inc. JXWBKG-7-C14-11 Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Reflective Switches 0.02 to 18GHz
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
2
American Accurate Components, Inc.
R
1
1
1
T
T
1
T
1
1
1
T
PIN Switches
Coaxial
Reflective Switches
0. 02 to 18GHz
Continued
P/N
Freq. Range
(GHz)
Type
Insertion Loss
(dB)
Max
VSW
Max
Isolation
(dB)
Min
Switching Speed
(ns)
Max
Power Handling
(W)
Max
Case
JXWBKG-2-D14-111
2-4
SP2T
1.3
1.5
80
50
0.2
W201, W202, W203
JXWBKG-3-D14-11
2-4
SP3T
1.3
1.5
80
50
0.2
W301, W302
JXWBKG-4-D14-111
2-4
SP4T
1.4
1.5
80
50
0.2
W401, W402, W403
JXWBKG-5-D14-11
2-4
SP5T
1.5
1.5
80
50
0.2
W501, W502
JXWBKG-6-D14-111
2-4
SP6T
1.6
1.5
80
50
0.2
W602, W603
JXWBKG-7-D14-11
2-4
SP7T
1.6
1.5
80
50
0.2
W702, W703
JXWBKG-8-D14-111
2-4
SP8T
1.7
1.5
80
50
0.2
W802
JXWBKG-1-E14-111
4-8
SPS
1.5
1.6
60
50
0.2
W101, W102, W103
JXWBKG-2-E14-111
4-8
SP2T
1.6
1.6
60
50
0.2
W201, W202, W203
JXWBKG-3-E14-111
4-8
SP3T
1.7
1.6
60
50
0.2
W301, W302
JXWBKG-4-E14-111
4-8
SP4T
1.8
1.6
60
50
0.2
W401, W402, W403
JXWBKG-5-E14-111
4-8
SP5T
1.8
1.6
60
50
0.2
W501, W502
JXWBKG-6-E14-111
4-8
SP6T
2.0
1.6
60
50
0.2
W602, W603
JXWBKG-7-E14-111
4-8
SP7T
2.0
1.6
60
50
0.2
W702, W703
JXWBKG-8-E14-111
4-8
SP8T
2.2
1.6
60
50
0.2
W802
JXWBKG-1-F13-111
8-12
SPS
1.8
1.7
60
50
0.2
W101, W102, W103
JXWBKG-2-F13-111
8-12
SP2T
2.0
1.7
60
50
0.2
W201, W202, W203
JXWBKG-3-F13-111
8-12
SP3T
2.0
1.7
60
50
0.2
W301, W302
JXWBKG-4-F13-111
8-12
SP4T
2.1
1.7
60
50
0.2
W401, W402, W403
JXWBKG-5-F13-111
8-12
SP5T
2.1
1.7
60
50
0.2
W501, W502
JXWBKG-6-F13-111
8-12
SP6T
2.3
1.7
60
50
0.2
W602, W603
JXWBKG-7-F13-111
8-12
SP7T
2.5
1.7
60
50
0.2
W702, W703
JXWBKG-1-G13-11
12-18
SPS
2.2
2.0
60
50
0.2
W101, W102, W103
JXWBKG-2-G13-111
12-18
SP2T
2.5
2.0
60
50
0.2
W201, W202, W203
JXWBKG-3-G13-11
12-18
SP3T
2.6
2.0
60
50
0.2
W301, W302
JXWBKG-4-G13-111
12-18
SP4T
2.8
2.0
60
50
0.2
W401, W402, W403
JXWBKG-5-G13-11
12-18
SP5T
2.9
2.0
60
50
0.2
W501, W502
JXWBKG-6-G13-111
12-18
SP6T
3.2
2.0
60
50
0.2
W602, W603
JXWBKG-7-G13-11
12-18
SP7T
3.3
2.0
60
50
0.2
W702, W703
JXWBKG-1-113-111
0.02-3
SPS
2.2
2.0
60
200
0.2
W101, W102, W103
JXWBKG-2-113-111
0.02-3
SP2T
2.3
2.0
60
200
0.2
W201, W202, W203
JXWBKG-3-113-111
0.02-3
SP3T
2.4
2.0
60
200
0.2
W301, W302
JXWBKG-4-113-111
0.02-3
SP4T
2.5
2.0
60
200
0.2
W401, W402, W403
JXWBKG-5-113-111
0.02-3
SP5T
2.6
2.0
60
200
0.2
W501, W502
JXWBKG-6-113-111
0.02-3
SP6T
2.7
2.0
60
200
0.2
W602, W603
JXWBKG-7-113-111
0.02-3
SP7T
2.8
2.0
60
200
0.2
W702, W703
JXWBKG-8-113-111
0.02-3
SP8T
3.0
2.0
60
200
0.2
W802
Notes: 1.Operating Temperature : -55
OC to +85 OC. Storage Temperature : -65 OC to +125 OC.
2.For SPST being used as modulator, package options are X101, X103, X104, X105
3.Isolation of the switch may be higher than 110dB, every 20dB the Isolation increases, 0.1-0.2 dB higher the Insertion Loss
of each way, other specifications remain the same.
4.Switching Speed includes the delay time.
5.The higher the Power Handling, the lower the Switching Speed.


Similar Part No. - JXWBKG-7-C14-11

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBKG-7-C24-111 AAC-JXWBKG-7-C24-111 Datasheet
103Kb / 2P
   Absorptive Switches 0.02 to 18GHz
More results

Similar Description - JXWBKG-7-C14-11

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBKG-1-223-111 AAC-JXWBKG-1-223-111 Datasheet
103Kb / 2P
   Absorptive Switches 0.02 to 18GHz
logo
List of Unclassifed Man...
ISTS149 ETC1-ISTS149 Datasheet
62Kb / 3P
   REFLECTIVE OPTICAL SWITCHES
SP3T ETC2-SP3T Datasheet
33Kb / 1P
   PIN Diode Switches 0.5 to 18.0GHz Non-Reflective
logo
TriQuint Semiconductor
TGA2620 TRIQUINT-TGA2620_15 Datasheet
522Kb / 13P
   16 to 18GHz Driver Amplifier
TGA2620-SM TRIQUINT-TGA2620-SM_15 Datasheet
618Kb / 14P
   16 to 18GHz Driver Amplifier
logo
Dielectric Laboratories...
FPC06075 DILABS-FPC06075 Datasheet
345Kb / 2P
   12 to 18GHz 10dB Directional Coupler
FPC06078 DILABS-FPC06078 Datasheet
337Kb / 2P
   12 to 18GHz 20dB Directional Coupler
logo
American Accurate Compo...
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
logo
Knowles Electronics
FPC06154 KNOWLES-FPC06154 Datasheet
295Kb / 2P
   12 to 18GHz 20dB Directional Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com