Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1579PSIF Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-1579PSIF
Description  3.3V Monolithic Dual Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1579PSIF Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-1579PSIF Datasheet HTML 1Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 2Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 3Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 4Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 5Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 6Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 7Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 8Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RECEIVE WAVEFORMS - EXAMPLE PATTERN
TRANSMIT WAVEFORM - EXAMPLE PATTERN
TXA/B
TXA/B
BUSA/B - BUSA/B
Figure 1. Block Diagram
TXA/B
TXA/B
TXINHA/B
RXA/B
RXA/B
RXENA/B
Each Bus
Transmit
Logic
Receive
Logic
Slope
Control
Comparator
Input
Filter
BUSA/B
BUSA/B
TRANSMITTER
RECEIVER
Data Bus
Isolation
Transformer
Coupler
Network
Direct or
Transformer
HI-1579, HI-1581
HOLT INTEGRATED CIRCUITS
3
RXA/B (HI-1579)
RXA/B (HI-1579)
Vin
(Line to Line)
tDR
tDR
tRG
tDR
tRG
tDR
tRG
tRG
RXA/B (HI-1581)
RXA/B (HI-1581)


Similar Part No. - HI-1579PSIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_15 Datasheet
83Kb / 10P
   The transmitter section of each bus takes complementary
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
More results

Similar Description - HI-1579PSIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573 Datasheet
164Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_15 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
   MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com