Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-6120PQIF Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-6120PQIF
Description  MIL-STD-1553 Remote Terminal ICs
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-6120PQIF Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-6120PQIF Datasheet HTML 5Page - Holt Integrated Circuits HI-6120PQIF Datasheet HTML 6Page - Holt Integrated Circuits HI-6120PQIF Datasheet HTML 7Page - Holt Integrated Circuits HI-6120PQIF Datasheet HTML 8Page - Holt Integrated Circuits HI-6120PQIF Datasheet HTML 9Page - Holt Integrated Circuits HI-6120PQIF Datasheet HTML 10Page - Holt Integrated Circuits HI-6120PQIF Datasheet HTML 11Page - Holt Integrated Circuits HI-6120PQIF Datasheet HTML 12Page - Holt Integrated Circuits HI-6120PQIF Datasheet HTML 13Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
REGISTERS
Residing at the start of the memory address space, 32 addresses are reserved for HI-6120 and HI-6121 registers. Register
addresses overlay the shared RAM address space, but are separate from the shared dual-port RAM. All register bits are active
high. Unless otherwise indicated, all registers are reset in software to the logic zero condition after Master Reset (except any
bits reflecting the state of input pins). For all registers, bit 15 is the most significant:
0
0x0000
Configuration Register 1
1
0x0001
Configuration Register 2
2
0x0002
Operational Status Register
3
0x0003
Current Command Register
4
0x0006
Pending Interrupt Register
7
0x0007
1553 Status Word Bits Register
8
0x0008
Time-Tag Register
9
0x0009
Interrupt Log Address Register
10
0x000A
Current Message Information Word Address Register
-31
0x001A-0x001F
Reserved
(0x0000)
This 16-bit register is Read-Write and is fully maintained by the host. All bits are active high.
15
INHBUSA
Bus A Inhibit.
When set, this bit disables transmit and receive for Bus A. This bit is logically ORed with the TXINHA
input signal to control Bus A transmitter enablement. Bus A transmission is disabled if the INHBUSA
register bit or TXINHA input pin is asserted. The TXINHA pin does not affect the Bus A receiver.
14
INHBUSB
Bus B Inhibit.
Register
Hex
Number
Address
Register Name
Bit No.
Mnemonic Function
CONFIGURATION REGISTER 1
0x0004
Current Control Word Address Register
5
0x0005
Descriptor Table Base Address Register
6
11-14
0x000B-0x000E
Reserved
15
0x000F
Memory Address Pointer (HI-6121 Only)
16
0x0010
Interrupt Enable Register
17
0x0011
Time-Tag Utility Register
18
0x0012
Bus A Select Register
19
0x0013
Bus B Select Register
20
0x0014
Built-In Test (BIT) Word Register
21
0x0015
Alternate Built-In Test (BIT) Word Register
22
0x0016
Reserved
23
0x0017
Test Control Register
24
0x0018
Loopback Test Transmit Data Register
25
0x0019
Loopback Test Receive Data Register
26
This register is cleared after
pin
Master Reset. After SRST software reset, the SRST bit is reset; the remaining bits are unchanged.
When set, this bit disables transmit and receive for Bus B. This bit is logically ORed with the TXINHB
input signal to control Bus B transmitter enablement. Bus B transmission is disabled if the INHBUSB
register bit or TXINHB input pin is asserted. The TXINHB pin does not affect the Bus B receiver.
13
INTSEL
Interrupt Mode Select.
When this bit is low, pulse interrupt outputs are selected for
and
output pins. When
this bit is high, level interrupts are enabled which require host acknowledgment for interrupt pin reset.
MR
INTMES
INTHW
MSB
LSB
15 14 13 12 11 10
9876543210
X
X
HOLT INTEGRATED CIRCUITS
9
HI-6120, HI-6121


Similar Part No. - HI-6120PQIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6120PQIF HOLTIC-HI-6120PQIF Datasheet
3Mb / 157P
   MIL-STD-1553 Remote Terminal ICs
More results

Similar Description - HI-6120PQIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6120 HOLTIC-HI-6120_15 Datasheet
3Mb / 162P
   MIL-STD-1553 Remote Terminal ICs
HI-6120 HOLTIC-HI-6120_12 Datasheet
3Mb / 158P
   MIL-STD-1553 Remote Terminal ICs
HI-6120 HOLTIC-HI-6120_10 Datasheet
3Mb / 157P
   MIL-STD-1553 Remote Terminal ICs
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Aeroflex Circuit Techno...
CT2578 AEROFLEX-CT2578 Datasheet
297Kb / 7P
   CT2578 / CT2581 SIMPLE REMOTE TERMINAL FOR MIL-STD-1553 / 1760 & McAir
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
logo
Pulse A Technitrol Comp...
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
   MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
   MIL-STD-1553 Transformers
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QC1553-20 PULSE-QC1553-20 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com