Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1579PCT Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-1579PCT
Description  3.3V Monolithic Dual Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1579PCT Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-1579PCT Datasheet HTML 1Page - Holt Integrated Circuits HI-1579PCT Datasheet HTML 2Page - Holt Integrated Circuits HI-1579PCT Datasheet HTML 3Page - Holt Integrated Circuits HI-1579PCT Datasheet HTML 4Page - Holt Integrated Circuits HI-1579PCT Datasheet HTML 5Page - Holt Integrated Circuits HI-1579PCT Datasheet HTML 6Page - Holt Integrated Circuits HI-1579PCT Datasheet HTML 7Page - Holt Integrated Circuits HI-1579PCT Datasheet HTML 8Page - Holt Integrated Circuits HI-1579PCT Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VDDA 1
BUSA 2
3
RXENA 4
GNDA 5
VDDB 6
BUSB 7
8
RXENB 9
GNDB 10
BUSA
BUSB
20
19 TXA
18 TXINHA
17 RXA
16
15
14 TXB
13 TXINHB
12 RXB
11
TXA
RXA
TXB
RXB
1579CDI
1579CDT
1579CDM
1581CDI
1581CDT
1581CDM
HI-1579, HI-1581
MIL-STD-1553 / 1760
3.3V Monolithic Dual Transceivers
DESCRIPTION
FEATURES
The HI-1579 and HI-1581 are low power CMOS dual
transceivers designed to meet the requirements of the
MIL-STD-1553 specification.
The transmitter section of each bus takes complementary
CMOS / TTL Manchester II bi-phase data and converts it to
differential voltages suitable for driving the bus isolation
transformer. Separate transmitter inhibit control signals are
provided for each transmitter.
The receiver section of the each bus converts the 1553 bus
bi-phase differential data to complementary CMOS / TTL
data suitable for inputting to a Manchester decoder. Each
receiver has a separate enable input which can be used to
force the output of the receiver to a logic "0" (HI-1579) or
logic 1 (HI-1581).
To minimize the package size for this function, the
transmitter outputs are internally connected to the receiver
inputs, so that only two pins are required for connection to
each coupling transformer.
·
·
·
·
·
·
Compliant to MIL-STD-1553A and B,
MIL-STD-1760 and ARINC 708A
3.3V single supply operation
Smallest footprint available in 7mm x 7mm
44 pin plastic chip-scale package (QFN)
Less than 0.5W maximum power
dissipation
Industrial and extended temperature
ranges
Industry standard pin configurations
October 2009
(DS1579 Rev. G)
10/09
20 Pin Ceramic DIP package
20 Pin Plastic ESOIC - WB package
PIN CONFIGURATIONS
PIN CONFIGURATIONS
-1
RXENA 2
GNDA 3
GNDA 4
GNDA 5
VDDB 6
VDDB 7
BUSB 8
BUSB 9
10
11
BUSB
BUSB
33 -
32 -
31 TXINHA
30 RXA
29
28 -
27 -
26
25 TXB
24 TXINHB
23 -
RXA
TXB
1579PCI
1579PCT
1579PCM
1581PCI
1581PCT
1581PCM
44 Pin Plastic 7mm x 7mm
Chip-scale package
1579PSI
1579PST
1579PSM
1581PSI
1581PST
1581PSM
1
BUSA 2
3
RXENA 4
GNDA 5
VDDB 6
BUSB 7
8
RXENB 9
GNDB 10
VDDA
BUSA
BUSB
20
19 TXA
18 TXINHA
17 RXA
16
15
14 TXB
13 TXINHB
12 RXB
11
TXA
RXA
TXB
RXB
HOLT INTEGRATED CIRCUITS
www.holtic.com


Similar Part No. - HI-1579PCT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_15 Datasheet
83Kb / 10P
   The transmitter section of each bus takes complementary
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
More results

Similar Description - HI-1579PCT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573 Datasheet
164Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_15 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
   MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com