Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0008K7575A00 Datasheet(PDF) 3 Page - Anaren Microwave

Part # B0008K7575A00
Description  Ultra Low Profile 0606 Balun
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

B0008K7575A00 Datasheet(HTML) 3 Page - Anaren Microwave

  B0008K7575A00 Datasheet HTML 1Page - Anaren Microwave B0008K7575A00 Datasheet HTML 2Page - Anaren Microwave B0008K7575A00 Datasheet HTML 3Page - Anaren Microwave B0008K7575A00 Datasheet HTML 4Page - Anaren Microwave B0008K7575A00 Datasheet HTML 5Page - Anaren Microwave B0008K7575A00 Datasheet HTML 6Page - Anaren Microwave B0008K7575A00 Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
B0008K7575A00
Rev B
Typical Performance (Ruthroff configuration using an external 100 nH Inductor)
B0008K7575A00
Rd
R=75 O
Rs
R=75 O
L_Ruthroff
L=100 nH
Gnd Pin #1
Unbalanced Pin #2
Balanced Pin #4
Balanced Pin #3
Figure 2 The Balun with an external inductor in a
Ruthroff implementation with an external 100 nH
inductor. Data is compared to the basic Guanella
configuration (dashed lines). Other inductor
values can be used with different results.


Similar Part No. - B0008K7575A00

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
B0008K5050A00 ANAREN-B0008K5050A00 Datasheet
580Kb / 6P
   Ultra Low Profile 0606 Balun 50 to 50 Balanced
More results

Similar Description - B0008K7575A00

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
B0008K5050A00 ANAREN-B0008K5050A00 Datasheet
580Kb / 6P
   Ultra Low Profile 0606 Balun 50 to 50 Balanced
BD1722J50100AHF ANAREN-BD1722J50100AHF Datasheet
188Kb / 5P
   Ultra Low Profile 0805 Balun
BD2425J50100AHF ANAREN-BD2425J50100AHF Datasheet
213Kb / 5P
   Ultra Low Profile 0805 Balun
B0322J5050A00 ANAREN-B0322J5050A00 Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
BD4859N5050AHF ANAREN-BD4859N5050AHF Datasheet
298Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50100AHF ANAREN-BD4859N50100AHF Datasheet
193Kb / 5P
   Ultra Low Profile 0404 Balun
BD1722J50200AHF ANAREN-BD1722J50200AHF Datasheet
6Mb / 5P
   Ultra Low Profile 0805 Balun
BD0810J50150AHF ANAREN-BD0810J50150AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
BD1416N50100AHF ANAREN-BD1416N50100AHF Datasheet
177Kb / 5P
   Ultra Low Profile 0404 Balun
BD2425J50200AHF ANAREN-BD2425J50200AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com